Electronic Components Datasheet Search
  English  ▼

X  

PCU12005 Datasheet(PDF) 24 Page - Red Lion Controls. Inc

Part # PCU12005
Description  THE PROCESS CONTROL UNIT
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PCU12005 Datasheet(HTML) 24 Page - Red Lion Controls. Inc

Back Button PCU12005 Datasheet HTML 20Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 21Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 22Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 23Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 24Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 25Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 26Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 27Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 28Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
UNPROTECTED PARAMETER MODE
The Unprotected Parameter Mode is accessed by pressing the PAR button
from the normal display mode with program disable inactive. In this mode,
the operator has access to the list of the most commonly modified controller
parameters. At the end of the list, a configuration “access point” allows the
operator to enter the configuration parameter modules. These modules allow
access to the fundamental set-up parameters of the controller. When the
program list has been scrolled through, the controller displays “End” and
returns to the normal display mode. The unit automatically returns to the
normal display mode if no action is taken.
UNPROTECTED PARAMETER MODE REFERENCE TABLE
Display
Parameter
Range and
Units (Factory
Setting Value)
Description/
Comments
SP
Setpoint
Confined to
range of limits
SPLO, SPHI,
(0)
Appears only if setpoint value is
locked (LOC) or read only (rEd).
OPOF
%Output
Power Offset
-99.9% to
100.0%
(0.0)
Appears only if integral time (Intt)
= 0 and controller is in automatic
mode.
OP
Output
Power
-99.9% to
100.0%
(0.0)
Appears only if controller is in
user (manual) mode and % output
power is locked (LOC) or read
only (rEd). This parameter is not
limited to output power limits
(OPLO & OPHI).
Prop
Proportional
Band
0.0 to 999.9% of
scaled input
range
(4.0)
0.0% is ON/OFF control. If using
ON/OFF mode, set control
hysteresis appropriately.
Intt
Integral
Time
0 to 9999 sec.
(120)
0 is off. This parameter does not
appear if proportional band =
0.0%.
dErt
Derivative
Time
0 to 9999 sec.
(30)
0 is off. This parameter does not
appear if proportional band =
0.0%.
Pb-2
Proportional
Band #2
(Secondary)
0.0 to 999.9% of
Scaled input
range
(4.0)
0.0% is ON/OFF control. Second
Analog Input models only.
It-2
Integral
Time #2
(Secondary)
0 to 9999 sec
(0)
0 is off. This parameter does not
appear if proportional band #2 =
0.0%. Second Analog Input
models only.
-16-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com