Electronic Components Datasheet Search
  English  ▼

X  

PCU12005 Datasheet(PDF) 17 Page - Red Lion Controls. Inc

Part # PCU12005
Description  THE PROCESS CONTROL UNIT
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PCU12005 Datasheet(HTML) 17 Page - Red Lion Controls. Inc

Back Button PCU12005 Datasheet HTML 13Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 14Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 15Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 16Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 17Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 18Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 19Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 20Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 21Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 96 page
background image
Valve Positioner Wiring
Units with Valve Positioner option have three output connections for
controlling the valve motor and three input connections for slidewire
feedback. The valve motor output connects to terminals labeled “Valve
Position Outputs”, terminals 1, 2 and 3. See Figure 9, Valve Positioner
Wiring for more details. Terminal 1 is the Valve motor supply common.
Terminal 2 is the Valve Close or CW output. Terminal 3 is the Valve Open or
CCW output. The valve motor must be fused with a suitable value.
Although RC snubbers are employed inside the controller to suppress
inductive “kicks” from the motor, it may be necessary to take further action to
reduce noise effects:
1) Use Triac Output Modules wherever possible. The Triac device
significantly reduces radiated EMI (Electromagnetic Interference).
The Triac Output Module also does not suffer from mechanical wear of
the contacts.
2) Use RC snubbers directly across the valve motor.
3) Use a separate AC supply for the valve motor.
Where possible, the valve motor control outputs and the slidewire
feedback input routing should be physically separated. Noise interference
from the outputs could couple into the slidewire feedback inputs, disrupting
proper operation.
The slidewire feedback inputs connect to the terminals labeled “Slidewire
Feedback Inputs”. The terminal placement varies with each model, see the
controller label for the actual terminals. For Velocity mode valve control the
slidewire feedback inputs are not necessary.
In some cases, it may be desirable to have an independent valve position
indicator. Red Lion Controls Model IMD1 can be wired in parallel with the
slidewire input’s Wiper and Comm. terminals for this purpose. The
approximate 0 to 0.9V signal can be scaled to indicate percent valve position.
Linear DC Output Wiring
Units with Linear DC output option have two terminals to outputa4to20
mA or 0 to 10 VDC signal. The type of Linear DC output is determined by the
model ordered. (See
Ordering Information page 84, for available models.)
These terminals are labeled “4-20 mA (or 0-10 VDC) Analog Output Option,
Out+ and Out-”. The common of this output is isolated from main input
common , but is not isolated from the Second Analog Input Option common.
For proper operation always keep these commons isolated.
Second Analog Input Wiring
Units with Second Analog Input option have two input terminals to receive
a 4 to 20 mA signal. These terminals are labeled “Second Input, 4-20 mA+ and
4-20 mA-”.Terminal placement varies with model. See unit label for actual
terminals. The common of this input is isolated from main input common, but
is not isolated from the Linear DC Output common. For proper operation
always keep these commons isolated.
-9-
Figure 9, Valve Positioner Wiring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com