Electronic Components Datasheet Search
  English  ▼

X  

PCU12005 Datasheet(PDF) 28 Page - Red Lion Controls. Inc

Part # PCU12005
Description  THE PROCESS CONTROL UNIT
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PCU12005 Datasheet(HTML) 28 Page - Red Lion Controls. Inc

Back Button PCU12005 Datasheet HTML 24Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 25Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 26Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 27Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 28Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 29Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 30Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 31Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 32Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 96 page
background image
HIDDEN FUNCTION MODE
The Hidden Function Mode is only accessible from the normal display
mode by pressing and holding the PAR button for three seconds. These
functions must be unlocked in Configuration Module #3. Factory settings are
locked. In this mode, these controller functions can be performed.
Local/Remote Setpoint Selection
Automatic/Manual Transfer
Initiate/Cancel Auto-tune
Reset Alarm Events
Each function may be “locked out” in the Configuration parameter
lockouts module. The PAR button is used to scroll to the desired function and
the up and down buttons are used to select the operation. Pressing the PAR
button while the function is displayed executes the function, and returns the
unit to the normal display mode. Pressing the DSP button exits this mode with
no action taken. The unit automatically returns to the normal display mode if
no action is taken.
HIDDEN FUNCTION MODE REFERENCE TABLE
Display Parameter
Range and Units
(Factory Setting Value)
Description/Comments
SPSL
Select
Local or
Remote
Setpoint
LOC - Local Setpoint
rE_t - Remote Setpoint
(LOC)
Appears only for models
with Second Analog
Input. “SPtr” determines
nature of controller
response.
trnF
Transfer
mode of
operation
Auto - Automatic control
User - Manual control
(Auto)
This step does not
appear if locked (LOC).
Exits to normal display
mode if executed.
tUNE
Auto-tune
invocation
Yes: starts the
auto-tune sequence.
No: terminates the
auto-tune sequence.
Prl - tune primary
(Cascade)
SEC - tune secondary
(Cascade)
(NO)
This step does not
appear if locked (LOC) or
exits to normal display
mode if executed. These
parameters appear only if
Second Analog Input
Internal Cascade is
selected.
ALrS
Alarm reset UP key resets Alarm 1
DOWN key resets
Alarm 2
This step does not
appear if alarm option not
installed, if locked (LOC)
or previous step
performed.
-20-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com