Electronic Components Datasheet Search
  English  ▼

X  

PCU12005 Datasheet(PDF) 79 Page - Red Lion Controls. Inc

Part # PCU12005
Description  THE PROCESS CONTROL UNIT
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PCU12005 Datasheet(HTML) 79 Page - Red Lion Controls. Inc

Back Button PCU12005 Datasheet HTML 75Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 76Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 77Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 78Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 79Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 80Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 81Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 82Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 83Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 96 page
background image
Slidewire exciting voltage
: 0.9 VDC typ.
Slidewire fail action
: programmable
Control mode
: Position mode (with slidewire) and
Velocity mode (w/o slidewire)
Control deadband
: 0.1% to 25.0% (position mode)
0.1 to 25.0 seconds (velocity mode)
Update time
: 1 to 250 seconds
Motortime(open,close)
: 1 to 9999 seconds
Position limits
: Adjustable 0.0 to 100.0% of valve stroke
Valve fail time
: Off to 9999 seconds
Alarm mode
: Dual acting; loss of slidewire feedback signal and valve fail
detection
11. SECOND ANALOG INPUT:
Range
: 0-20 mA (Isolated from main input)
Overload
: 100 mA MIN (steady state)
Input Resistance
:10
W typ. Voltagedrop(@ 20mA);0.2 Vtyp.
Accuracy
: 0.15% of reading
±10 mA ± 1LSD
Scale Range
: -999 to 9999
12. SERIAL COMMUNICATION:
Type
: RS485 Multi-point, Balanced Interface
Communication Format
:
Baud Rate
: Programmable from 300 to 9600
Parity
: Programmable for odd, even, or no parity
Frame
: 1 start bit, 7 data bits, 1 or no parity bit, 1 stop bit
Unit Address
: Programmable from 0 to 99, max. of 32 units per line
Transmit Delay
: 100 msec min., 200 msec max.
RS485 Common
: Isolated from signal input common
Auto Print Time
: Off to 9999 seconds between print-outs
13. USER INPUT (Optional):Internally pulledupto+5VDC.
VIN = 5.25 VDC MAX;VIL =0.85VMAX;VIH =3.0 VMIN
Available on all second input (MVP and ANA) models and on models with
RS485.
Response time
: 100 msec max.
Functions
:
Program Lock
Integral Action Lock
Auto/Manual Mode Select
Reset Alarms
Setpoint Ramp Select
Local/Remote Setpoint Select
Print Request
14. ALARMS (Optional):
Hardware
: Plug-in, replaceable output module
Modes
: Absolute high acting
Absolute low acting
Deviation high acting
Deviation low acting
Inside band acting
Outside band acting
Valve fail
Second Analog Input monitoring
Reset Action
: Programmable; automatic or latched
Standby Mode
: Programmable; enable or disable
Hysteresis
: Programmable
Signal Overdrive Action
: Upscale
Annunciator
: LED backlight for “AL1”, “AL2”, (Alarm #2 not available
with secondary output or motorized valve position option.)
15. ENVIRONMENTAL CONDITIONS:
Operating Range
: 0 to 50°C
Storage Range
: -40 to 80°C
Vibration According to IEC 68-2-6
: Operational 5 to 150 Hz, in X, Y, Z
direction for 1.5 hours, 1 g.
Shock According to IEC 68-2-27
: Operational 5 g's, 11 msec in 3
directions.
Span Drift
(maximum): 100 ppm/°C, main input; 150 ppm/°C, second input
Zero Drift
(maximum):
4to20mADCRange
:0.5
mA/°C
0-10 VDC Range
:0.2 mV/°C
Second Input
:2
mA/°C
Relative Humidity
: Less than 85% RH (non-condensing) from 0°C to 50°C.
Altitude
: Up to 2000 meters
16. ISOLATION BREAKDOWN RATINGS:
All inputs and outputs with respect to AC line
: 2300 VMIN
Analog Output, Second Analog Input, or Slidewire Input with respect
to Main Input
: 500VMIN
-71-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com