Electronic Components Datasheet Search
  English  ▼

X  

PCU12005 Datasheet(PDF) 27 Page - Red Lion Controls. Inc

Part # PCU12005
Description  THE PROCESS CONTROL UNIT
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PCU12005 Datasheet(HTML) 27 Page - Red Lion Controls. Inc

Back Button PCU12005 Datasheet HTML 23Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 24Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 25Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 26Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 27Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 28Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 29Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 30Page - Red Lion Controls. Inc PCU12005 Datasheet HTML 31Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
FRONT PANEL PROGRAM DISABLE
There are several ways to limit the programming of parameters from the
front panel buttons. The settings of the parameters in the Lockout Module, the
code number entered, and the state and/or function programmed for the User
Input (Terminal #7) affect front panel access.
It is possible to have the program disable function on versions with the
User Input, even if the User Input is not programmed for program disable
(PLOC), by the use of a code number. Versions that do not have the User Input
are dedicated to the program disable function.
The following charts describe the possible program disable settings
depending on your model.
MODELS WITH USER INPUT
User Input State
Code Number
Description
Inactive or User
Input not
programmed for
PLOC
0
Full access to all modes and
parameter modules.
Active with User
Input programmed
for PLOC
0
Access to protected parameter
mode only. Code number does not
appear.
Active with User
Input programmed
for PLOC
OR
User Input not
programmed for
PLOC
Any # between
1 & 250
Access to protected parameter
mode. Correct programmed code
number allows access to
unprotected parameter mode and
configuration modules.
Note: A universal code number 222 can be entered to gain access to the
unprotected mode and configuration modules, independent of the
programmed code number.
MODELS WITH PROGRAM DISABLE
Program Disable
Code Number
Description
Inactive
0
Full access to all modes and
parameter modules.
Active
0
Access to protected parameter
mode only. Code number does not
appear.
Active
Any # between
1 & 250
Access to protected parameter
mode. Correct programmed code
number allows access to
unprotected parameter mode and
configuration modules.
Note: A universal code number 222 can be entered to gain access to the
unprotected mode and configuration modules, independent of the
programmed code number.
-19-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com