Electronic Components Datasheet Search
  English  ▼

X  

AT43USB370 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT43USB370
Description  USB 2.0 Full-Speed Host/Function Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB370 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT43USB370 Datasheet HTML 21Page - ATMEL Corporation AT43USB370 Datasheet HTML 22Page - ATMEL Corporation AT43USB370 Datasheet HTML 23Page - ATMEL Corporation AT43USB370 Datasheet HTML 24Page - ATMEL Corporation AT43USB370 Datasheet HTML 25Page - ATMEL Corporation AT43USB370 Datasheet HTML 26Page - ATMEL Corporation AT43USB370 Datasheet HTML 27Page - ATMEL Corporation AT43USB370 Datasheet HTML 28Page - ATMEL Corporation AT43USB370 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
25
AT43USB370
3340B–USB–12/03
USBP_XFRADDR_REG – Transfer Address Register
The USB processor writes in this register.
• Bit 31:0 - XFR_ADDR
Address for the data transfer.
This register is used by the USB processor to specify the start address of the memory while
issuing a request to system processor software to transfer data. After power-up or reset, this
register will contain the value of 0x00.
USBP_XFRCNT_REG – Transfer Count Register
The USB processor writes in this register.
• Bit 31:0 - XFR_CNT
Transfer count in bytes.
This register is used by the USB processor to specify the number of bytes while issuing a
request to the system processor software to transfer data. This register specifies the count to
be transferred from the location specified in the Transfer Address Register. After power-up or
reset, this register will contain the value of 0x00.
Bit
31
0
0x64
XFR_ADDR
USBP_XFRADDR_REG
Read/Write
USB Processor
W
System Processor
R
Initial Value
0x0
Mode
Host/Device
Bit
31
0
0x68
XFR_CNT
USBP_XFRCNT_REG
Read/Write
USB Processor
W
System Processor
R
Initial Value
0x0
Mode
Host/Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com