Electronic Components Datasheet Search
  English  ▼

X  

AT43USB370 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT43USB370
Description  USB 2.0 Full-Speed Host/Function Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB370 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT43USB370 Datasheet HTML 42Page - ATMEL Corporation AT43USB370 Datasheet HTML 43Page - ATMEL Corporation AT43USB370 Datasheet HTML 44Page - ATMEL Corporation AT43USB370 Datasheet HTML 45Page - ATMEL Corporation AT43USB370 Datasheet HTML 46Page - ATMEL Corporation AT43USB370 Datasheet HTML 47Page - ATMEL Corporation AT43USB370 Datasheet HTML 48Page - ATMEL Corporation AT43USB370 Datasheet HTML 49Page - ATMEL Corporation AT43USB370 Datasheet HTML 50Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
47
AT43USB370
3340B–USB–12/03
Reset Timing
Table 5. Reset Timing
Symbol
Parameter
Condition
Min
Max
Units
t
R
RESET Width
200
ns
Table 6. Oscillator Signals XTAL1, XTAL2
Symbol
Parameter
Condition
Min
Max
Units
V
LH
OSC1 Switching Level
0.47
1.20
V
VHL
OSC2 Switching Level
0.67
1.44
V
CX1
Input Capacitance XTAL1
10
pf
TCX2
Output Capacitance, XTAL 2
10
pf
C12
Oscillator Capacitance
5
pf
T
su
Start-up Time
6 MHz, fundamental
2
ms
DL
Drive Level
50
UW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com