Electronic Components Datasheet Search
  English  ▼

X  

AT43USB370 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT43USB370
Description  USB 2.0 Full-Speed Host/Function Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB370 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT43USB370 Datasheet HTML 1Page - ATMEL Corporation AT43USB370 Datasheet HTML 2Page - ATMEL Corporation AT43USB370 Datasheet HTML 3Page - ATMEL Corporation AT43USB370 Datasheet HTML 4Page - ATMEL Corporation AT43USB370 Datasheet HTML 5Page - ATMEL Corporation AT43USB370 Datasheet HTML 6Page - ATMEL Corporation AT43USB370 Datasheet HTML 7Page - ATMEL Corporation AT43USB370 Datasheet HTML 8Page - ATMEL Corporation AT43USB370 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5
AT43USB370
3340B–USB–12/03
Block Diagram
Figure 2. AT43USB370 Hardware
DP
Bi-directional
D+ (USB Line)
DM
Bi-directional
D- (USB Line)
RPD_EN
Output
Pull Down Enable
RPU_EN
Output
Pull Up Enable
RESET_N
Input
RESET – Active Low
TCK
Input
JTAG Clock
TMS
Input
JTAG Mode Select
TDI
Input
JTAG Serial Data IN
TDO
Output
JTAG Serial Data OUT
TRST_N
Input
JTAG Reset – Active Low
DCLK
Output
Recovered SIE DPLL Clock
RCV_DATA
Output
Recovered Serial Data
SCAN_EN
Input
Scan Test Enable
NC
–
Not Connected
D[31:0]
Bi-directional
System Data Bus
Pin Description (Continued)
Pin Name
Type
Description
Address
USB Controller
(USBC)
D+
D-
FIFOs
Data
Control & Status
Registers
System Interface
Controller (SIC)
DMA
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com