Electronic Components Datasheet Search
  English  ▼

X  

AT43USB370 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT43USB370
Description  USB 2.0 Full-Speed Host/Function Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB370 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT43USB370 Datasheet HTML 40Page - ATMEL Corporation AT43USB370 Datasheet HTML 41Page - ATMEL Corporation AT43USB370 Datasheet HTML 42Page - ATMEL Corporation AT43USB370 Datasheet HTML 43Page - ATMEL Corporation AT43USB370 Datasheet HTML 44Page - ATMEL Corporation AT43USB370 Datasheet HTML 45Page - ATMEL Corporation AT43USB370 Datasheet HTML 46Page - ATMEL Corporation AT43USB370 Datasheet HTML 47Page - ATMEL Corporation AT43USB370 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
44
AT43USB370
3340B–USB–12/03
Figure 16. Typical AT43USB370 System Processor Connection
32-bit System
Processor
AT43USB370
D [31:0]
A [7:0]
OE_N
WE_N
DACK_N
DREQ_N
INTR_OUT
INTR_IN
6 MHz
XTAL1
XTAL2
USB Series
A / B
Connector
D +
D -
HOST
DEVICE
1.5 K
15 K
System RAM
MORE
DONE
READY
System ROM
SELECT
PROG
BUSY
CS_N
WAIT_N
RPD_EN
RPU_EN
15 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com