Electronic Components Datasheet Search
  English  ▼

X  

AT43USB370 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT43USB370
Description  USB 2.0 Full-Speed Host/Function Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB370 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT43USB370 Datasheet HTML 1Page - ATMEL Corporation AT43USB370 Datasheet HTML 2Page - ATMEL Corporation AT43USB370 Datasheet HTML 3Page - ATMEL Corporation AT43USB370 Datasheet HTML 4Page - ATMEL Corporation AT43USB370 Datasheet HTML 5Page - ATMEL Corporation AT43USB370 Datasheet HTML 6Page - ATMEL Corporation AT43USB370 Datasheet HTML 7Page - ATMEL Corporation AT43USB370 Datasheet HTML 8Page - ATMEL Corporation AT43USB370 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
4
AT43USB370
3340B–USB–12/03
Pin Description
Pin Name
Type
Description
A[7:0]
Input
ADDRESS BUS – System Address Bus
CS_N
Input
CHIP_SELECT – from System Processor. Active Low
OE_N
Input
OUTPUT_ENABLE – from System Processor. Active Low
SELECT
Input
PROCESSOR_SELECT – from System Processor – used to select between the USB Controller
(USBC) and System Interface Controller (SIC) when firmware is downloaded to these controllers
through the System Processor. Logic “1” selects SIC and Logic “0” selects USBC.
INTR_IN
Input
Interrupt to AT43USB370 – from System Processor. Active High
INTR_OUT
Output
Interrupt from AT43USB370 – to System Processor. Active High
VDD
Power Supply/Gnd
3.3V Power Supply
VSS
Power Supply/Gnd
Ground
VDD18
Power Supply/Gnd
1.8V Power Supply
PROG
Input
PROGRAM_LOAD_ENABLE – from System Processor – used when the program is
downloaded in the USB Controller and System Interface Controller through the System
Processor. Active High
MORE
Input
PIO Mode Handshake Signal – from System Processor. Active High
READY
Output
READY – to System Processor – used when the program is downloaded in the USB Controller
and System Interface Controller through the System Processor. Active High
DONE
Input
DONE – from System Processor – used when the program is downloaded in the USB Controller
and System Interface Controller through the System Processor. Active High
BUSY
Output
BUSY – to System Processor – used when the System Interface Controller is busy in an
interrupt service routine and does not want the System Processor to issue an interrupt. Active
High
WAIT_N
Output
WAIT – to System Processor. Active Low
WE_N
Input
WRITE_ENABLE – from System Processor. Active Low
DREQ_N
Output
DMA Request – to System Processor – used to signal to the System Processor that the
AT43USB370 wants to start a DMA transfer. Active Low
DACK_N
Input
DMA Acknowledge – from System Processor. Active Low
BT
Input
BIST – Test Signal
MT
Input
Memory – Test Signal
TP0
Input
Test Pin 0
TP1
Output
Test Pin 1
TP2
Input
Test Pin 2
TP3
Input
Test Pin 3
CLK_SEL
Input
External/PLL Clock Selection – Low selects crystal-PLL clock source while a High uses
XTAL1, bypassing the PLL.
XTAL1
Input
Oscillator Input – Input to the inverting oscillator amplifier.
XTAL2
Output
Oscillator Output – Output of the inverting oscillator amplifier.
LFT
Input
PLL Loop Filter – For proper operation of the PLL, this pin should be connected through a
2.2 nF capacitor in parallel with a 470
Ω resistor in series with a 22 nF capacitor to ground
(VSS). Both capacitors must be high quality ceramic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com