Electronic Components Datasheet Search
  English  ▼

X  

AT43USB370 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT43USB370
Description  USB 2.0 Full-Speed Host/Function Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB370 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT43USB370 Datasheet HTML 36Page - ATMEL Corporation AT43USB370 Datasheet HTML 37Page - ATMEL Corporation AT43USB370 Datasheet HTML 38Page - ATMEL Corporation AT43USB370 Datasheet HTML 39Page - ATMEL Corporation AT43USB370 Datasheet HTML 40Page - ATMEL Corporation AT43USB370 Datasheet HTML 41Page - ATMEL Corporation AT43USB370 Datasheet HTML 42Page - ATMEL Corporation AT43USB370 Datasheet HTML 43Page - ATMEL Corporation AT43USB370 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
40
AT43USB370
3340B–USB–12/03
Descriptor Management
The HSICD gathers the USB descriptors from the USB devices and reports back to system
processor through API function calls.
USB Host System
Library
The USB host system library is comprised of the AT43USB370 host system interface APIs and
the underlying software library. All application-level system software communicates with the
AT43USB370 through this library.
AT43USB370 USB Host
System Library and
APIs
The USB host system library provides access to the AT43USB370 USB host functionality by
the system processor.
The corresponding host system interface API set encapsulates the
complete USB functionality. It is ANSI C compliant and is used for all USB device drivers and
applications development. Refer to
AT43USB370 Software Development Guide for detailed
descriptions of the AT43USB370 APIs.
System Software
System software is application specific and resides in the system processor. It communicates
with the AT43USB370 through the AT43USB370 Host System Interface APIs directly or
through the standard or application specific USB device drivers built on top the AT43USB370
APIs.
Figure 14 shows the AT43USB370 host firmware architecture.
Figure 14. AT43USB370 Host Firmware Architecture
External System
Processor
System Interface
Controller
USB Controller
AT43USB370 Hardware
Host System
Interface Controller Driver
(HUSICD)
Host USB Controller Driver
(HUSBCD)
AT43USB370 Host System Interface APIs
System Application
Software
AT43USB370
Host System Library



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com