Electronic Components Datasheet Search
  English  ▼

X  

ML9042 Datasheet(PDF) 8 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9042 Datasheet(HTML) 8 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9042 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
FEDL9042-01
LAPIS Semiconductor
ML9042-xx
8/58
VDD = 4.0 to 5.5 V
Ta = -20 to 75
C
OSC1 and OSCR3: Open
OSC2 and OSCR5:
Short-circuited
Note 4
200
270
351
kHz
OSC1, OSC2,
OSCR5
Oscillation Frequency of
Internal Resistor Rf
fosc2
VDD = 2.7 to 3.6 V
Ta = -20 to 75
C
OSC1 and OSCR5: Open
OSC2 and OSCR3:
Short-circuited
Note 4
200
280
364
kHz
OSC1, OSC2,
OSCR3
Clock Input
Frequency
fin
OSC2, OSCR: Open
Input from OSC1
175
—
400
kHz
Input Clock Duty
fduty
Note 5
45
50
55
%
Input Clock Rise
Time
frf
Note 6
—
—
0.2
s
Input Clock Fall Time
fff
Note 6
—
—
0.2
s
OSC1
-0x code
1.4
2.0
2.6
k
V0, V1, V2, V3A,
V3B, V4, GND
-1x code
2.8
4.0
5.2
k
V0, V1, V2, V3A,
V3B, V4, GND
LCD Bias Resistor
RLB
-2x code
7.0
10.0
13.0
k
V0, V1, V2, V3A,
V3B, V4, GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com