Electronic Components Datasheet Search
  English  ▼

X  

ML9042 Datasheet(PDF) 36 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9042 Datasheet(HTML) 36 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9042 Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 34Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 35Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 36Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 37Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 38Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 39Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 40Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
FEDL9042-01
LAPIS Semiconductor
ML9042-xx
36/58
10) Busy Flag/Address Counter Read (Execution time: 0
s)
RS1
1
RS0
0
R/
W
1
DB7
BF
DB6
O6
DB5
O5
DB4
O4
DB3
O3
DB2
O2
DB1
O1
DB0
O0
Instruction code:
The “BF” bit (DB7) of this instruction tells whether the ML9042 is busy in internal operation (BF = “1”) or not
(BF = “0”).
When the “BF” bit is “1”, the ML9042 cannot accept any other instructions. Before inputting a new instruction,
check that the “BF” bit is “0”.
When the “BF” bit is “0”, the ML9042 outputs the correct value of the address counter. The value of the
address counter is equal to the DDRAM, ABRAM or CGRAM address. Which of the DDRAM, ABRAM and
CGRAM addresses is set in the counter is determined by the preceding address setting.
When the “BF” bit is “1”, the value of the address counter is not always correct because it may have been
incremented or decremented by 1 during internal operation.
11) DDRAM/ABRAM/CGRAM Data Read
RS1
1
RS0
1
R/
W
1
DB7
P7
DB6
P6
DB5
P5
DB4
P4
DB3
P3
DB2
P2
DB1
P1
DB0
P0
Instruction code:
A character code (P7 to P0) is read from the DDRAM, Display-ON data (P7 to P0) from the ABRAM or a
character pattern (P7 to P0) from the CGRAM.
The DDRAM, ABRAM or CGRAM is selected at the preceding address setting.
After data is read, the address counter (ADC) is incremented or decremented as set by the Entry Mode Setting
instruction (see 3).
Note: Conditions for reading correct data
(1)
The DDRAM, ABRAM or CGRAM Setting instruction is input before this data read instruction is input.
(2)
When reading a character code from the DDRAM, the Cursor/Display Shift instruction (see 5) is input
before this Data Read instruction is input.
(3)
When two or more consecutive RAM Data Read instructions are executed, the following read data is
correct.
Correct data is not output under conditions other than the cases (1), (2) and (3) above.
Note:
The execution time of this instruction is 37
s at an oscillation frequency (OSC) of 270 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com