| Electronic Components Datasheet Search |
|
ML9042 Datasheet(PDF) 25 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML9042 Datasheet(HTML) 25 Page - LAPIS Semiconductor Co., Ltd. |
|
25 / 58 page ![]() FEDL9042-01 LAPIS Semiconductor ML9042-xx 25/58 LCD Display Circuit (COM1 to COM17, SEG1 to SEG100, SSR and CSR) The ML9042 has 17 common signal outputs and 100 segment signal outputs to display 20 characters (in the 1-line display mode) or 40 characters (in the 2-line display mode). The character pattern is converted into serial data and transferred in series through the shift register. The transfer direction of serial data is determined by the SSR bit. The shift direction of common signals is determined by the CSR bit. The following tables show the transfer and shift directions: SSR bit Transfer direction L SEG1 SEG100 H SEG100 SEG1 ABE bit CSR bit duty AS bit Shift Direction Arbitrator’s common pin L L 1/8 L COM1 COM8 None L L 1/8 H COM1 COM8 None L L 1/16 L COM1 COM16 None L L 1/16 H COM1 COM16 None L H 1/8 L COM8 COM1 None L H 1/8 H COM8 COM1 None L H 1/16 L COM16 COM1 None L H 1/16 H COM16 COM1 None H L 1/9 L COM1 COM9 COM9 H L 1/9 H COM1 COM9 COM1 H L 1/17 L COM1 COM17 COM17 H L 1/17 H COM1 COM17 COM1 H H 1/9 L COM9 COM1 COM1 H H 1/9 H COM9 COM1 COM9 H H 1/17 L COM17 COM1 COM1 H H 1/17 H COM17 COM1 COM17 * Refer to the Expansion Instruction Codes section about the ABE bit, SSR bit, CSR bit, and AS bit. Signals to be input to the SSR bit, CSR bit, ABE bit, and AS bit should be initially determined at power-on and be kept unchanged. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |