Electronic Components Datasheet Search
  English  ▼

X  

ML9042 Datasheet(PDF) 48 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9042 Datasheet(HTML) 48 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9042 Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 48Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
FEDL9042-01
LAPIS Semiconductor
ML9042-xx
48/58
Initial Setting of Instructions
(a)
Data transfer from and to the CPU using 8 bits of DB0 to DB7
1)
Turn on the power.
2)
Wait for 15 ms or more after VDD has reached 2.7 V or higher.
3)
Set “8 bits” with the Function Setting instruction.
4)
Wait for 4.1 ms or more.
5)
Set “8 bits” with the Function Setting instruction.
6)
Wait for 100
s or more.
7)
Set “8 bits” with the Function Setting instruction.
8)
Check the Busy Flag for No Busy (or wait for 100
s or more).
9)
Set “8 bits”, “Number of LCD lines” and “Font size” with the Function Setting instruction.
(After this, the number of LCD lines and the font size cannot be changed.)
10) Check the Busy Flag for No Busy.
11) Execute the Display ON/OFF control Instruction, Display Clear Instruction, Entry Mode Setting
instruction and Arbitrator Display Line Setting Instruction.
12) Check the Busy Flag for No Busy.
13) Initialization is completed.
An example of instruction code for 3), 5) and 7)
RS1
1
RS0
0
R/
W
0
DB7
0
DB6
0
DB5
1
DB4
1
DB3
DB2
DB1
DB0
: Don’t Care
(b)
Data transfer from and to the CPU using 4 bits of DB4 to DB7
1)
Turn on the power.
2)
Wait for 15 ms or more after VDD has reached 2.7 V or higher.
3)
Set “8 bits” with the Function Setting instruction.
4)
Wait for 4.1 ms or more.
5)
Set “8 bits” with the Function Setting instruction.
6)
Wait for 100
s or more.
7)
Set “8 bits” with the Function Setting instruction.
8)
Check the Busy Flag for No Busy (or wait for 100
s or longer).
9)
Set “4 bits” with the Function Setting instruction.
10) Wait for 100
s or longer.
11) Set “4 bits”, “Number of LCD lines” and “Font size” with the Function Setting instruction. (After this,
the number of LCD lines and the font size cannot be changed.)
12) Check the Busy Flag for No Busy.
13) Execute the Display ON/OFF control Instruction, Display Clear Instruction, Entry Mode Setting
instruction and Arbitrator Display Line Setting Instruction.
14) Check the Busy Flag for No Busy.
15) Initialization is completed.
An example of instruction code for 3), 5) and 7)
RS1
1
RS0
0
R/
W
0
DB7
0
DB6
0
DB5
1
DB4
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com