Electronic Components Datasheet Search
  English  ▼

X  

ML9042 Datasheet(PDF) 29 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9042 Datasheet(HTML) 29 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9042 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 33Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
FEDL9042-01
LAPIS Semiconductor
ML9042-xx
29/58
Serial Interface Mode
In the Serial I/F Mode, the ML9042 interfaces with the CPU via the RS0/CSB, E/SHTB, RW/SI, and DB0(SO)
pins.
Writing and reading operations are executed in units of 16 bits after the RS0/CSB signal falls down. If the RS0/CSB
signal rises up before the completion of 16-bit unit access, this access is ignored.
When the BF bit is “1”, the ML9042 cannot accept any other instructions. Before inputting a new instruction,
check that the BF bit is “0”. Any access when the BF bit is “1” is ignored.
Data format is LSB-first.
Examples of Access in the Serial I/F Mode
Note 1: Higher 5 bits of each instruction must be input at a “H” level.
Note 2: Lower 8 bits are “don’t care” when the instructions in the READ MODE are set.
Note 3: After one instruction is input, the next instruction must be input after the RS0/CSB pin is pulled at a “H”
level.
1) WRITE MODE
RS0/CSB
E/SHTB
BUSY
RWB/SI
DB(SO)
2) READ MODE
RS0/CSB
E/SHTB
BUSY
RWB/SI
DB(SO)
(Internal operation)
(Internal operation)
12
12
34
56
78
1
13
14
15
16
9
101112
11
11
1
R/
W RS0 RS1
D0
D1
D2
D3
D4
D5
D6
D7
1
3
4
5
6
7
8
9
10111213141516
1
11
11
1
R/
W RS0 RS1
1
D0
D1
D2
D3
D4
D5
D6
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com