Electronic Components Datasheet Search
  English  ▼

X  

ML9042 Datasheet(PDF) 55 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9042 Datasheet(HTML) 55 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9042 Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 53Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 54Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 55Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 56Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 57Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 58Page - LAPIS Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
FEDL9042-01
LAPIS Semiconductor
ML9042-xx
55/58
ML9042-xx CVWA GOLD BUMP SPECIFICATION (HIGH HARDNESS)
Gold Bump Specification
(Unit:
m)
Symbol
Parameter
MIN
TYP
MAX
A
Bump Pitch (I/O Section: Pitch Direction)
70
—
—
B
Bump Size (I/O Section: Pitch Direction)
40
44
48
C
Bump Size (I/O Section: Depth Direction)
96
100
104
D
Bump-to-Bump Distance (I/O Section: Pitch Direction)
22
26
30
E
Bump Size (L-mark Section: Length)
76
80
84
F
Bump Size (L-mark Section: Width)
26
30
34
G
Sliding of Total Bump Pitches
—
—
2
Bump Height
10
15
20
H
Bump Height Dispersion Inside Chip (Range)
—
—
4
I
Bump Edge Height
—
—
5
J
Shear Strength (g)
27
—
—
K
Bump Hardness (Hv: 25 g load)
50
90
130
Wafer Thickness; 625 20 m
Chip Size; 7.80 mm 1.80 mm
Top View and Cross Section View
B
D
[Cross Section View]
[I/O Section]
[L-Alignment Mark]
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com