Electronic Components Datasheet Search
  English  ▼

X  

CS8904 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS8904
Description  ETHERNET TRANSCEIVER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8904 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS8904 Datasheet HTML 7Page - Cirrus Logic CS8904 Datasheet HTML 8Page - Cirrus Logic CS8904 Datasheet HTML 9Page - Cirrus Logic CS8904 Datasheet HTML 10Page - Cirrus Logic CS8904 Datasheet HTML 11Page - Cirrus Logic CS8904 Datasheet HTML 12Page - Cirrus Logic CS8904 Datasheet HTML 13Page - Cirrus Logic CS8904 Datasheet HTML 14Page - Cirrus Logic CS8904 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
DS191PP2
11
CS8904
Crystal LAN™ Quad Ethernet Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
Controller Compatibility
Mode
Selected
MODE2
Pin
MODE1
Pin
MODE0
Pin
Advanced Micro Devices AM7990, Motorola 68EN360, or
compatible controllers
Mode 1
1
0
0
Intel 82586, Intel 82596, or compatible controllers
Mode 2
1
0
1
Fujitsu MB86950, Fujitsu MB86960, or compatible controllers
Mode 3
1
1
0
National Semiconductor 8390, Texas Instruments TMS380C26, or
compatible controllers
Mode 4
1
1
1
Seeq 8005 or compatible controller
Mode 5
0
1
1
Reserved; Operation Undefined
0
1
0
Reserved; Operation Undefined
0
0
1
Reserved; Operation Undefined
0
0
0
Table 1. Mode Selection Summary
Parameter
Mode 1
Mode 2
Mode 3
Mode 4
Mode 5
Mode Bits (MODE2, MODE1, MODE0)
1 0 0
1 0 1
1 1 0
1 1 1
0 1 1
Controller Compatibility
AMD
Motorola
Intel
Fujitsu
National
TI
SEEQ
Edge of TxCLK where TxDATA is sampled
Rising
Falling
Falling
Rising
Rising
Polarity of Active TxENBL
High
Low
High
High
High
Polarity of Active LOOP
High
Low
High
High
High
Polarity of Active COLL
High
Low
Low
High
High
Edge of RxCLK where RxDATA is clocked.
Rising
Falling
Falling
Rising
Rising
Polarity of Active CD
High
Low
High
High
High
Level of RxDATA when CD is deasserted
High
High
Low
Low
Low
RxCLK after CD is deasserted
5 cycles
5 cycles
Continuous
5 cycles
Continuous
Table 2. Mode Operation Comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com