Electronic Components Datasheet Search
  English  ▼

X  

CS8904 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS8904
Description  ETHERNET TRANSCEIVER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8904 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS8904 Datasheet HTML 14Page - Cirrus Logic CS8904 Datasheet HTML 15Page - Cirrus Logic CS8904 Datasheet HTML 16Page - Cirrus Logic CS8904 Datasheet HTML 17Page - Cirrus Logic CS8904 Datasheet HTML 18Page - Cirrus Logic CS8904 Datasheet HTML 19Page - Cirrus Logic CS8904 Datasheet HTML 20Page - Cirrus Logic CS8904 Datasheet HTML 21Page - Cirrus Logic CS8904 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
18
DS191PP2
CS8904
Crystal LAN™ Quad Ethernet Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
4.3.2.2 Changes to Duplex and Auto-Negotiation
Selections
The duplex and Auto-Negotiation selection may be
changed, even after an Auto-Negotiation sequence
has established a good link between a port on the
CS8904 and a remote Ethernet device. The CS8904
allows the system designer to dynamically alter
these selections at any time. The CS8904 will
immediately reconfigure the port to the specified
duplex
and
Auto-Negotiation
operation,
re-
negotiating with the remote Ethernet device if
appropriate. Table 4 summarizes the operation of
Auto-Negotiation as a result of various transitions
of the DUPSEL or AUTSEL pins.
4.3.2.3 Link Status Information
The LINKLED pin provides an LED output to
indicate
that
a
link
has
been
successfully
established with the remote Ethernet device. This
may occur as a result of normal 10BASE-T
operation or as a result of a successful Auto-
Negotiation. This LED output is capable of sinking
10 mA to drive an LED directly through a series
resistor. The output voltage of each pin is less than
0.4 V when the pin is low. Figure 6 shows a typical
LED circuit.
The LINKLED pin can be used by the controller to
determine if a port has established a valid link with
the remote 10BASE-T device. This pin will be
driven low when a valid link has been established.
Detailed information regarding the duplex selected
and whether the selection was a result of Auto-
Negotiation is available from the DUPLEX and
AUTONEG pins, as described earlier in this
section. If the capabilities selected by the controller
for a port are not compatible with a remote Ethernet
device, then a valid link will not be established and
the LINKLED will be held high.
4.3.2.4 Port Loopback
The CS8904 allows each individual port to be
placed in a loopback mode. Note that this feature is
different from MAU loopback, which is the
loopback
that
occurs
during
the
normal
transmission of data when operating half duplex.
The Port Loopback feature provides a mechanism
to perform network fault isolation and problem
analysis in an Ethernet system device. Port
Loopback may also be used as a means to disable
(partition) a port from the external network. Setting
the LOOP pin high enables this feature.
DUPSEL
AUTOSEL
DUPLEX
AUTONEG
Result Indicated
Low
Low
Low
Low
Forced Half Duplex Operation
High
Low
High
Low
Forced Full Duplex Operation
Low
High
Low
High
Successful Auto-Negotiation; Half Duplex Operation Selected
High
High
High
High
Successful Auto-Negotiation; Full Duplex Operation Selected
High
High
Low
High
Successful Auto-Negotiation; Half Duplex Operation Selected
X
High
Low
Low
Unsuccessful Auto-Negotiation; Link Not Operational Selected
Table 3. Auto-Negotiation and Duplex Selection
DUPLEX
AUTOSEL
Re-Negotiation
Transition
Low
No
Transition
High
Yes
X
Low to High
Yes
X
High to Low
No
Table 4. Auto-Negotiation Operation
LINKSTAT
+5 V
Figure 6. LED Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com