Electronic Components Datasheet Search
  English  ▼

X  

CS8904 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS8904
Description  ETHERNET TRANSCEIVER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8904 Datasheet(HTML) 3 Page - Cirrus Logic

  CS8904 Datasheet HTML 1Page - Cirrus Logic CS8904 Datasheet HTML 2Page - Cirrus Logic CS8904 Datasheet HTML 3Page - Cirrus Logic CS8904 Datasheet HTML 4Page - Cirrus Logic CS8904 Datasheet HTML 5Page - Cirrus Logic CS8904 Datasheet HTML 6Page - Cirrus Logic CS8904 Datasheet HTML 7Page - Cirrus Logic CS8904 Datasheet HTML 8Page - Cirrus Logic CS8904 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
DS191PP2
3
CS8904
Crystal LAN™ Quad Ethernet Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
1.0 INTRODUCTION
1.1 General Description
The CS8904 is a true single-chip quad Ethernet
interface solution, incorporating all analog and
digital circuitry needed for a complete Ethernet
front end circuit. It includes high-performance on-
chip filtering, eliminating the need for external
filters. In addition, the CS8904 supports the latest
IEEE Ethernet features including full duplex and
Auto-Negotiation.
The
CS8904
incorporates
four
independent
Manchester encoder/decoders (ENDEC), clock
recovery circuits, 10BASE-T transceivers, and link
status LED circuits. The 10BASE-T transceivers
include drivers, receivers, and high-performance
on-chip analog filters, allowing direct connections
to low-cost isolation transformers. The CS8904’s
superior EMI characteristics are a result of the
high-quality receive and transmit filters which
eliminate the need for external filter packs and help
to make FCC Part 15, Class B compliance easier to
achieve. Each of the four transceivers support half
and full duplex operation and include IEEE-
compliant Auto-Negotiation capability.
RJ-45
10BASE-T
CS8904
S
W
I
T
C
H
I
N
G
B
U
S
20 MHz
XTAL
LINKLED
RJ-45
10BASE-T
LINKLED
RJ-45
10BASE-T
LINKLED
RJ-45
10BASE-T
LINKLED
SYSTEM
ASIC
Figure 1. Ethernet Switching Hub Application of CS8904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com