Electronic Components Datasheet Search
  English  ▼

X  

CS8904 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS8904
Description  ETHERNET TRANSCEIVER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8904 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS8904 Datasheet HTML 12Page - Cirrus Logic CS8904 Datasheet HTML 13Page - Cirrus Logic CS8904 Datasheet HTML 14Page - Cirrus Logic CS8904 Datasheet HTML 15Page - Cirrus Logic CS8904 Datasheet HTML 16Page - Cirrus Logic CS8904 Datasheet HTML 17Page - Cirrus Logic CS8904 Datasheet HTML 18Page - Cirrus Logic CS8904 Datasheet HTML 19Page - Cirrus Logic CS8904 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
16
DS191PP2
CS8904
Crystal LAN™ Quad Ethernet Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
4.0 FUNCTIONAL DESCRIPTION
4.1 Reset and Calibration
4.1.1 Reset Operation
Three different conditions cause the CS8904 to
reset its internal circuits:
Power-Up Reset: When power is applied, the
CS8904 maintains reset until the voltage at the
supply pins reaches approximately 2.5 V. The
CS8904 comes out of reset once Vcc is greater than
approximately 2.5 V and the crystal oscillator has
stabilized.
Power-Down Reset: If the supply voltage drops
below approximately 2.5 V, there is a chip-wide
reset. The CS8904 remains in a reset state until the
power supply returns to a level greater than
approximately 2.5 V and the crystal oscillator has
stabilized.
External Reset: There is a chip-wide reset
whenever the RESET pin is held low for at least
500 ns.
4.1.2 Allowing Time for Reset
After a reset, the CS8904 resets all internal
circuitry and calibrates all on-chip analog circuitry.
The time required for the reset and calibration is
typically 36 ms. During this time, the TxCLK
signal is held low. When the reset and calibration
operations are complete, the TxCLK signal
operates as normal, oscillating at a frequency of 10
MHz.
4.2 Mode Control
The CS8904 is designed to operate with a number
of industry standard Ethernet controllers and
compatible
devices.
It
is
compatible
with
controllers from Advanced Micro Devices (AMD),
Intel, Fujitsu, Seeq, National Semiconductor and
Texas Instruments.
The MODE2, MODE1, and MODE0 pins allow
five different compatibility modes to be enabled for
the CS8904. Mode selection affects the control
signal timing and polarities of the four ports of the
CS8904. Table 1 summarizes the various modes
and the MODE2, MODE1, and MODE0 pin
settings required to select them.
4.3 Controller Interface
The CS8904 provides four independent interfaces
for the digital controllers. In addition to providing
a mechanism to transfer synchronous serial data
between the CS8904 and the controller, each
interface
also
provides
control
and
status
information for the port.
4.3.1 Transmit and Receive Interface
4.3.1.1 Normal Transmission
The CS8904 receives serial data from the controller
on the TxDATA pin. This data is synchronized by
the transmit clock present on the TxCLK pin. Only
one transmit clock signal is provided from the
CS8904, thus the TxCLK signal is shared by the
four interface ports. The controller causes a
transition to occur on the TxENBL pin, indicating
the start and completion of the data to be
transmitted. When a port is operating half duplex,
the transmitted data is looped back to the controller
during
transmission
on
the
RxDATA
pin,
synchronized by the receive clock present on the
RxCLK pin. This is referred to as MAU loopback
to distinguish it from the Port Loopback capability
described in Section 4.3.2 (Control and Status
Information) below.
4.3.1.2 Jabber Indication
If the serial data provided by the controller to the
CS8904 continues for greater than 100 ms, the
CS8904 will terminate the transmission of data to
the network, disable the MAU loopback of
transmitted data on the RxDATA pin, and indicate
this condition by raising the JABBER pin. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com