Electronic Components Datasheet Search
  English  ▼

X  

CS8904 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS8904
Description  ETHERNET TRANSCEIVER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8904 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS8904 Datasheet HTML 15Page - Cirrus Logic CS8904 Datasheet HTML 16Page - Cirrus Logic CS8904 Datasheet HTML 17Page - Cirrus Logic CS8904 Datasheet HTML 18Page - Cirrus Logic CS8904 Datasheet HTML 19Page - Cirrus Logic CS8904 Datasheet HTML 20Page - Cirrus Logic CS8904 Datasheet HTML 21Page - Cirrus Logic CS8904 Datasheet HTML 22Page - Cirrus Logic CS8904 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
DS191PP2
19
CS8904
Crystal LAN™ Quad Ethernet Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
Port Loopback causes the 10BASE-T transmitter to
be idled and the 10BASE-T receiver to be
disconnected. In addition, data received from the
controller on the TxDATA pin is looped back on
the RxDATA pin to the controller. Both CD and
RxCLOCK are provided to synchronize the
transfer to the controller. Note that since the port is
isolated from the external Ethernet network,
collisions will not occur.
4.4 External Clock Oscillator
A 20-MHz quartz crystal or CMOS clock input is
required by the CS8904. If a CMOS clock input is
used, it should be connected the to XTAL1 pin,
with the XTAL2 pin left open. The clock signal
should be 20 MHz ±0.01% with a duty cycle
between 45% and 55%. The specifications for the
crystal are described in the External Clock section
of the DC CHARACTERISTICS Table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com