Electronic Components Datasheet Search
  English  ▼

X  

CS8904 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS8904
Description  ETHERNET TRANSCEIVER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8904 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS8904 Datasheet HTML 26Page - Cirrus Logic CS8904 Datasheet HTML 27Page - Cirrus Logic CS8904 Datasheet HTML 28Page - Cirrus Logic CS8904 Datasheet HTML 29Page - Cirrus Logic CS8904 Datasheet HTML 30Page - Cirrus Logic CS8904 Datasheet HTML 31Page - Cirrus Logic CS8904 Datasheet HTML 32Page - Cirrus Logic CS8904 Datasheet HTML 33Page - Cirrus Logic CS8904 Datasheet HTML 34Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
DS191PP2
33
CS8904
Crystal LAN™ Quad Ethernet Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
6.0 PACKAGE DIMENSIONS
MILLIMETERS
INCHES
MIN
100
1
2.55
DIM
A
A
D
E
22.95
- - -
0.25
MIN
16.95
0.134
20.10
MAX
23.45
17.45
100 Lead MQFP
1
A2
D
1
D3
E
1
3
L
N
e
B
ND
NE
17.20
NOM.
NOM.
MAX
- - -
- - -
- - -
3.05
18.85
2.80
23.20
20.00
14.00
0.80
12.35
100
0.65
E
30
20
14.10
0.95
0.38
19.90
13.90
0.65
0.22
- - -
0.120
0.923
0.791
0.687
0.555
0.037
0.015
- - -
0.110
0.913
0.787
0.742
0.677
0.551
0.486
0.031
100
0.0256
30
20
- - -
3.40
- - -
0.100
0.904
0.010
0.667
0.783
0.547
0.026
0.009
A1
A
A2
D
D
1
D3
E E 1 E3
e
B
L
Terminal
Detail 1
X
0°
∝
∝
7°
0°
7°
X
1.60
1.75
1.45
0.069
0.063
0.057
0.737
0.747
18.72
18.98
12.22
12.48
0.481
0.491
0.0206
0.0306
0.012
0.30
0.78
0.52
- - -
- - -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com