Electronic Components Datasheet Search
  English  ▼

X  

CS8904 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS8904
Description  ETHERNET TRANSCEIVER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8904 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS8904 Datasheet HTML 16Page - Cirrus Logic CS8904 Datasheet HTML 17Page - Cirrus Logic CS8904 Datasheet HTML 18Page - Cirrus Logic CS8904 Datasheet HTML 19Page - Cirrus Logic CS8904 Datasheet HTML 20Page - Cirrus Logic CS8904 Datasheet HTML 21Page - Cirrus Logic CS8904 Datasheet HTML 22Page - Cirrus Logic CS8904 Datasheet HTML 23Page - Cirrus Logic CS8904 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
20
DS191PP2
CS8904
Crystal LAN™ Quad Ethernet Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
5.0 SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS (AV
SS, DVSS = 0 V; all voltages with respect to 0 V.)
WARNING:
Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS (V
SS = 0 V; all voltages with respect to 0 V.)
DC CHARACTERISTICS (Over Recommended Operating Conditions.)
Notes: 1. CLOAD = 50 pF; Measurement at 20% and 80% points.
Parameter
Symbol
Min
Max
Unit
Power Supply
VDD
-0.3
6.0
V
Input Current
Except Supply Pins
-
±10.0
mA
Input Voltage
-0.3
VDD + 0.3
V
Ambient Temperature
Power Applied
-55
+125
°C
Storage Temperature
-65
+150
°C
Parameter
Symbol
Min
Max
Unit
Power Supply
CM5
CM3
VDD
VDD
4.75
3.00
5.25
3.6
V
V
Operating Ambient Temperature
TA
070
°C
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply
Power Supply Current While Active
All Ports Active
IDD
--
340
mA
Power Supply Current While Idle
No Ports Active
IDDIDLE
--
200
mA
Power Dissipated While Active
-
1.37
-
W
Transmit and Receive Clocks
TxCLK and RxCLK Output Rise and Fall Time
(Note 1)
CMOS
TTL
tR, tF
-
-
-
-
5
4
ns
ns
External Clock
XTAL1 Input Low Voltage
VIXL
-0.3
-
0.8
V
XTAL1 Input High Voltage
VIXH
2.0
-
VDD +
0.5
V
XTAL1 Input Low Current
IIXL
-40
-
-
µA
XTAL1 Input High Current
IIXH
--
40
µA
XTAL1 Input Cycle Time
tIXC
49.995
-
50.005
ns
XTAL1 Input Low Time
VIX < 1.0 V
tIXL
22.5
-
27.5
ns
XTAL1 Input High Time
VIX > 1.0 V
tIXH
22.5
-
27.5
ns
t
IXC
t
IXL
t
IXH
XTAL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com