Electronic Components Datasheet Search
  English  ▼

X  

AN2393 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2393
Description  Reference design: wide range 200W L6599-based
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2393 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2393 Datasheet HTML 5Page - STMicroelectronics AN2393 Datasheet HTML 6Page - STMicroelectronics AN2393 Datasheet HTML 7Page - STMicroelectronics AN2393 Datasheet HTML 8Page - STMicroelectronics AN2393 Datasheet HTML 9Page - STMicroelectronics AN2393 Datasheet HTML 10Page - STMicroelectronics AN2393 Datasheet HTML 11Page - STMicroelectronics AN2393 Datasheet HTML 12Page - STMicroelectronics AN2393 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
AN2393
Electrical test results
9/35
2
Electrical test results
2.1
Efficiency measurements
Table 1 and Table 2 show the output voltage measurements at the nominal mains voltages
of 115 Vac and 230 Vac, with different load conditions. For all measurements, both at full load
and at light load operation, the input power is measured using a Yokogawa WT-210 digital
power meter.
Particular attention has to be paid when measuring input power at full load in order to avoid
measurement errors due to the voltage drop on cables and connections. Therefore please
connect the WT210 voltmeter termination to the board input connector. For the same reason
please measure the output voltage at the output connector or use the remote sense option
of your active load for a correct output voltage measurement.
In Table 1, Table 2 and Figure 5 the overall circuit efficiency is measured at each load
condition, at both nominal input mains voltages of 115 Vac and 230 Vac. The values were
measured after 30 minutes of warm-up at maximum load. The high efficiency of the PFC
pre-regulator working in FOT mode and the very high efficiency of the resonant stage
working in ZVS (i.e. with negligible switching losses), provides for an overall efficiency better
than 88%. This is a significant high value for a two-stage converter with two output voltages
delivering an output current in excess of 5 amps, especially at low input mains voltage
where the PFC conduction losses increase. Even at lower loads, the efficiency still remains
high.
The global efficiency at full load has been measured even at the limits of the input voltage
range, with good results:
At VIN = 90 Vac - full load, the efficiency is 86.88% (POUT = 208.8 W and PIN = 240.3 W)
At VIN = 264 Vac - full load, the efficiency is 90.90% (POUT = 208.7 W and PIN =
229.6 W)
Table 1.
Efficiency measurements @VIN = 115 Vac
+24 V(V) @load(A) +12 V(V) @load(A) +5 V(V) @load(A) +3.3 V(V) @load(A) POUT (W) PIN (W) Efficiency
23.81 - 6.00
11.86 - 4.94
4.93 - 0.98
3.35 - 0.71
208.66
235.00
88.79%
24.04 - 3.04
11.80 - 4.91
4.93 - 0.98
3.35 - 0.71
138.23
155.50
88.89%
23.84 - 3.02
11.91 - 1.98
4.93 - 0.98
3.35 - 0.71
102.79
115.47
89.02%
23.79 - 2.01
11.96 - 0.49
4.96 - 0.31
3.35 - 0.31
56.25
63.55
88.52%
23.94 - 0.53
11.92 - 0.49
4.97 - 0.31
3.35 - 0.31
21.11
25.56
82.58%
Table 2.
Efficiency measurements @VIN = 230 Vac
+24 V(V) @load(A) +12 V(V) @load(A) +5 V(V) @load(A) +3.3 V(V) @load(A) POUT (W) PIN (W) Efficiency
23.82 - 6.00
11.86 - 4.94
4.94 - 0.98
3.35 - 0.71
208.73
229.96
90.77%
24.05 - 3.04
11.80 - 4.91
4.94 - 0.98
3.35 - 0.71
138.27
152.85
90.46%
23.85 - 3.02
11.91 - 1.98
4.94 - 0.98
3.35 - 0.71
102.83
114.05
90.16%
23.80 - 2.01
11.96 - 0.49
4.96 - 0.31
3.35 - 0.31
56.27
63.47
88.66%
23.94 - 0.53
11.92 - 0.49
4.96 - 0.31
3.35 - 0.31
21.11
26.47
79.73%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com