Electronic Components Datasheet Search
  English  ▼

X  

AN2393 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2393
Description  Reference design: wide range 200W L6599-based
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2393 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2393 Datasheet HTML 10Page - STMicroelectronics AN2393 Datasheet HTML 11Page - STMicroelectronics AN2393 Datasheet HTML 12Page - STMicroelectronics AN2393 Datasheet HTML 13Page - STMicroelectronics AN2393 Datasheet HTML 14Page - STMicroelectronics AN2393 Datasheet HTML 15Page - STMicroelectronics AN2393 Datasheet HTML 16Page - STMicroelectronics AN2393 Datasheet HTML 17Page - STMicroelectronics AN2393 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Electrical test results
AN2393
14/35
Thus, it is clear that the proposed architecture is really suitable for power supplies operating
with strong load variation without any problem related to the load regulation.
2.3
Stand-by and no load power consumption
The board is specifically designed for light load and zero load operation, as during Stand-by
or Power-off operation, when no power is requested from the +24 V and +12 V outputs.
Though the resonant converter can operate down to zero load, some tricks are required to
keep very low the input power drawn from the mains when the system is in this load
condition. Thus, when entering this power management mode, the ST-BY signal needs to be
set high (by the microcontroller of the system). This forces the PFC pre-regulator and the
resonant stage to switch off (because the supply voltage of the two control ICs is no longer
present (Figure 4) and only the auxiliary flyback converter continues working just to supply
the microprocessor circuitry.
Table 3 and Table 4 show the measurements of the input power in several light load
conditions at 115 and 230 Vac.
These tables show that at no load the input power is lower than 0.5 W.
Figure 12.
Load transition (0 - 100%) on +24 V
output voltage
Figure 13.
Load transition (0 - 100%) on +12 V
output voltage
Ch1: +24 V output voltage
Ch2: +12 V output current
Ch3: PFC output voltage (400 V)
Ch4: + 24 V output current
Dynamic load +24 V @0-6 A - 12 V @ max load (5 A)
Ch1: +24 V output voltage
Ch2: +12 V output current
Ch3: PFC output voltage (400 V)
Ch4: + 12 V output current
Dynamic load +12 V @0-5 A - 24 V @ max load (6 A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com