Electronic Components Datasheet Search
  English  ▼

X  

AN2393 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2393
Description  Reference design: wide range 200W L6599-based
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2393 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2393 Datasheet HTML 1Page - STMicroelectronics AN2393 Datasheet HTML 2Page - STMicroelectronics AN2393 Datasheet HTML 3Page - STMicroelectronics AN2393 Datasheet HTML 4Page - STMicroelectronics AN2393 Datasheet HTML 5Page - STMicroelectronics AN2393 Datasheet HTML 6Page - STMicroelectronics AN2393 Datasheet HTML 7Page - STMicroelectronics AN2393 Datasheet HTML 8Page - STMicroelectronics AN2393 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
AN2393
Main characteristics and circuit description
5/35
changing the frequency according to the feedback signal in order to regulate the output
voltages against load and input voltage variations.
The main features of the L6599 are a non-linear soft-start, a current protection mode used
to program the hiccup mode timing, a dedicated pin for sequencing or brown-out (LINE) and
a stand-by pin (STBY) for burst mode operation at light loads (not used in this design).
The transformer uses the magnetic integration approach, incorporating the resonant series
and shunt inductances. Thus, no additional external coils are needed for the resonance. The
transformer configuration chosen for the secondary winding is center-tap, and the output
rectifiers are Schottky type diodes, in order to limit the power dissipation. The feedback loop
is implemented by means of a classical configuration using a TL431 (U4) to adjust the
current in the optocoupler diode (U3). A weighted resistive divider (R53, R57, R58, R60 and
R61) is used to detect both output voltages in order to get a better overall voltage regulation.
The optocoupler transistor modulates the current from Pin 4, so the frequency will change
accordingly, thus achieving the output voltage regulation. Resistors R46 and R54 set the
maximum operating frequency.
In case of a short circuit, the current entering the primary winding is detected by the lossless
circuit (C34, C39, D11, D12, R43, and R45) and the resulting signal is fed into Pin 6.
In case of overload, the voltage on Pin 6 will overpass an internal threshold that triggers a
protection sequence via Pin 2, keeping the current flowing in the circuit at a safe level.
The third stage is a small flyback converter based on the VIPer12A-E, a current mode
controller with integrated Power MOSFET, capable of delivering (approximately) 7 W output
power on the output voltages (5 V and 3.3 V). The regulated output voltage is the 3.3 V
output and, also in this case, the feedback loop bases on the TL431 (U7) and optocoupler
(U6) to control the output voltage.
This converter is able to operate in the whole mains voltage range, even when the PFC
stage is not working. From the auxiliary winding on the primary side of the flyback
transformer (T2), a voltage Vs is available, intended to supply the other controllers (L6563
and L6599) in addition to the VIPer12A-E itself.
The PFC stage and the resonant converter can be switched on and off through the circuit
based mainly on components Q7, Q8, D22 and U8, which, depending on the level of the
signal ST-BY, supplies or removes the auxiliary voltage (VAUX) necessary to start-up the
controllers of the PFC and resonant stages. In this way, when the AC input voltage is applied
to the power supply, the small flyback converter switches on first; then, when the ST-BY
signal is low, the PFC pre-regulator becomes operative, and last the resonant converter can
deliver the output power to the load.
Note that if Pin 9 of Connector J3 is left floating (no signal ST-BY present), the PFC and
resonant converter will be not operating, and only +5V and +3.3V supplies are available on
the output. In order to enable the +24 V and +12 V outputs, Pin 9 of Connector J3 must be
pulled down to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com