Electronic Components Datasheet Search
  English  ▼

X  

AN2393 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2393
Description  Reference design: wide range 200W L6599-based
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2393 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2393 Datasheet HTML 7Page - STMicroelectronics AN2393 Datasheet HTML 8Page - STMicroelectronics AN2393 Datasheet HTML 9Page - STMicroelectronics AN2393 Datasheet HTML 10Page - STMicroelectronics AN2393 Datasheet HTML 11Page - STMicroelectronics AN2393 Datasheet HTML 12Page - STMicroelectronics AN2393 Datasheet HTML 13Page - STMicroelectronics AN2393 Datasheet HTML 14Page - STMicroelectronics AN2393 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
AN2393
Electrical test results
11/35
Figure 6.
Overall efficiency versus output power at several input voltage values
2.2
Resonant stage operating waveforms
Figure 7 shows some waveforms during steady state operation of the resonant circuit at full
load. The Ch3 waveform is the half-bridge square voltage on Pin 14 of L6599, driving the
resonant circuit. In the picture it is not evident, but the switching frequency is normally
slightly modulated following the PFC pre-regulator 100-Hz ripple that is rejected by the
resonant control circuitry. The switching frequency has been selected approximately at
95-kHz in order to have a good trade off between transformer losses and dimensions.
The Ch4 waveform represents the transformer primary current flowing into the resonant
tank. As shown, it is almost sinusoidal because the operating frequency is close to the
resonance of the leakage inductance of the transformer and the resonant capacitor (C28).
In this condition, the circuit has a good margin for ZVS operation, providing good efficiency,
75.00%
76.00%
77.00%
78.00%
79.00%
80.00%
81.00%
82.00%
83.00%
84.00%
85.00%
86.00%
87.00%
88.00%
89.00%
90.00%
91.00%
92.00%
93.00%
94.00%
95.00%
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140 150 160 170 180 190 200 210
Output power (W)
eff% @90 Vac
eff% @100 Vac
eff% @115 Vac
eff% @135 Vac
75.00%
76.00%
77.00%
78.00%
79.00%
80.00%
81.00%
82.00%
83.00%
84.00%
85.00%
86.00%
87.00%
88.00%
89.00%
90.00%
91.00%
92.00%
93.00%
94.00%
95.00%
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140 150 160 170 180 190 200 210
Output power (W)
eff% @170 Vac
eff% @200 Vac
eff% @230 Vac
eff% @264 Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com