Electronic Components Datasheet Search
  English  ▼

X  

AN2393 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2393
Description  Reference design: wide range 200W L6599-based
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2393 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2393 Datasheet HTML 1Page - STMicroelectronics AN2393 Datasheet HTML 2Page - STMicroelectronics AN2393 Datasheet HTML 3Page - STMicroelectronics AN2393 Datasheet HTML 4Page - STMicroelectronics AN2393 Datasheet HTML 5Page - STMicroelectronics AN2393 Datasheet HTML 6Page - STMicroelectronics AN2393 Datasheet HTML 7Page - STMicroelectronics AN2393 Datasheet HTML 8Page - STMicroelectronics AN2393 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
AN2393
List of figures
3/35
List of figures
Figure 1.
L6599 and L6563 200W evaluation board (EVAL6599-200W). . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
PFC pre-regulator electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
Resonant converter electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
Auxiliary converter electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 5.
Overall efficiency versus output power at nominal mains voltages. . . . . . . . . . . . . . . . . . . 10
Figure 6.
Overall efficiency versus output power at several input voltage values . . . . . . . . . . . . . . . 11
Figure 7.
Resonant circuit primary side waveforms at full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 8.
Resonant circuit primary side waveforms at no-load condition. . . . . . . . . . . . . . . . . . . . . . 12
Figure 9.
Resonant circuit secondary side waveforms: +24 V output . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 10.
Resonant circuit secondary side waveforms: +12 V output . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 11.
Low frequency (100 Hz) ripple voltage on the output voltages . . . . . . . . . . . . . . . . . . . . . . 13
Figure 12.
Load transition (0 - 100%) on +24 V output voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 13.
Load transition (0 - 100%) on +12 V output voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 14.
+24 V output short-circuit waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 15.
+12 V output short-circuit waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 16.
Thermal map @115 Vac - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 17.
Thermal map at 230 Vac - full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 18.
CE quasi peak measurement at 115 Vac and full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 19.
CE quasi peak measurement at 230 Vac and full load . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 20.
PFC coil electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 21.
PFC coil pin side view. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 22.
Mechanical aspect and pin numbering of resonant transformer . . . . . . . . . . . . . . . . . . . . . 28
Figure 23.
Resonant transformer electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 24.
Resonant transformer winding position on coil former . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 25.
Auxiliary transformer electrical diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 26.
Auxiliary transformer winding position on coil former . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 27.
Copper tracks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 28.
Thru-hole component placing and top silk screen . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 29.
SMT component placing and bottom silk screen . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com