Electronic Components Datasheet Search
  English  ▼

X  

AN2393 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2393
Description  Reference design: wide range 200W L6599-based
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2393 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2393 Datasheet HTML 1Page - STMicroelectronics AN2393 Datasheet HTML 2Page - STMicroelectronics AN2393 Datasheet HTML 3Page - STMicroelectronics AN2393 Datasheet HTML 4Page - STMicroelectronics AN2393 Datasheet HTML 5Page - STMicroelectronics AN2393 Datasheet HTML 6Page - STMicroelectronics AN2393 Datasheet HTML 7Page - STMicroelectronics AN2393 Datasheet HTML 8Page - STMicroelectronics AN2393 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
October 2007
Rev 5
1/35
AN2393
Application note
Reference design: wide range 200W L6599-based
HB LLC resonant converter for LCD TV & flat panels
Introduction
This note describes the performances of a 200 W reference board, with wide-range mains
operation and power-factor-correction (PFC). Its electrical specification is tailored to a
typical high-end application for LCD TV or monitor applications.
The main features of this design are the very low no-load input consumption (<0.5 W) and
the very high global efficiency, better than 87% at full load and nominal mains voltage (115 -
230 Vac).
The circuit consists of three main blocks; the first is a front-end PFC pre-regulator based on
the L6563 PFC controller. The second stage is a multi-resonant half-bridge converter whose
control is implemented through the STMicroelectronics L6599 resonant controller. A further
auxiliary flyback converter based on the VIPer12A-E off-line primary switcher completes the
architecture. This third block is mainly intended for microprocessor supply and display power
management operations.
Figure 1.
L6599 and L6563 200W evaluation board (EVAL6599-200W)
www.st.com


Similar Part No. - AN2393

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2390 STMICROELECTRONICS-AN2390 Datasheet
578Kb / 42P
A flexible universal battery charger
21-Aug-2007
AN2394 STMICROELECTRONICS-AN2394 Datasheet
163Kb / 13P
The purpose of this application note
06-Dec-2007
AN2399 STMICROELECTRONICS-AN2399 Datasheet
429Kb / 22P
RFID library for SR176 tag management with STR71x
31-Jan-2008
More results

Similar Description - AN2393

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
Reference Design
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
DTV Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
REFERENCE DESIGN
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
Reference Design Kit
logo
Semtech Corporation
SC4437 SEMTECH-SC4437 Datasheet
402Kb / 12P
Wide Input Voltage Range Precision Voltage Reference
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
Complete Reference Design
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
Tiny Reference Design
01/02/08
logo
STMicroelectronics
STEVAL-ASTRA1B STMICROELECTRONICS-STEVAL-ASTRA1B Datasheet
917Kb / 28P
Multiconnectivity asset tracking reference design based on STM32WB5MMG and STM32WL55JC
11-Mar-2022
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
UNMANAGED REFERENCE DESIGN
06/10/10
logo
STMicroelectronics
EVLONE65W STMICROELECTRONICS-EVLONE65W_V01 Datasheet
437Kb / 10P
65W USB-PD certified reference design based on ST-ONE
06-Mar-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com