Electronic Components Datasheet Search
  English  ▼

X  

AN2393 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2393
Description  Reference design: wide range 200W L6599-based
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2393 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2393 Datasheet HTML 6Page - STMicroelectronics AN2393 Datasheet HTML 7Page - STMicroelectronics AN2393 Datasheet HTML 8Page - STMicroelectronics AN2393 Datasheet HTML 9Page - STMicroelectronics AN2393 Datasheet HTML 10Page - STMicroelectronics AN2393 Datasheet HTML 11Page - STMicroelectronics AN2393 Datasheet HTML 12Page - STMicroelectronics AN2393 Datasheet HTML 13Page - STMicroelectronics AN2393 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Electrical test results
AN2393
10/35
Also at light load, at an output power of about 10% of the maximum level, the overall
efficiency is very good, reaching a value better than 79% over the entire input mains voltage
range.
Figure 6 shows the efficiency measured at various input voltages versus output power.
Figure 5.
Overall efficiency versus output power at nominal mains voltages
75.00%
76.00%
77.00%
78.00%
79.00%
80.00%
81.00%
82.00%
83.00%
84.00%
85.00%
86.00%
87.00%
88.00%
89.00%
90.00%
91.00%
92.00%
93.00%
94.00%
95.00%
0
1020
304050
60708090
100 110 120 130 140 150 160 170 180 190 200 210
Output power (W)
eff% @115 Vac
eff% @230 Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com