Electronic Components Datasheet Search
  English  ▼

X  

AN2393 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2393
Description  Reference design: wide range 200W L6599-based
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2393 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2393 Datasheet HTML 1Page - STMicroelectronics AN2393 Datasheet HTML 2Page - STMicroelectronics AN2393 Datasheet HTML 3Page - STMicroelectronics AN2393 Datasheet HTML 4Page - STMicroelectronics AN2393 Datasheet HTML 5Page - STMicroelectronics AN2393 Datasheet HTML 6Page - STMicroelectronics AN2393 Datasheet HTML 7Page - STMicroelectronics AN2393 Datasheet HTML 8Page - STMicroelectronics AN2393 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Main characteristics and circuit description
AN2393
4/35
1
Main characteristics and circuit description
The main characteristics of the SMPS are listed below:
●
Universal input mains range: 90 to 264 Vac and frequencies between 45 and 65 Hz
●
Output voltages:
–
24 V@6 A continuous operation
–
12 V@ 5 A continuous operation
–
3.3 V@ 0.7 A continuous operation
–
5 V@ 1 A continuous operation
●
Mains harmonics: Compliance with EN61000-3-2 specifications
●
St-by mains consumption: Typical 0.5 W @230 Vac
●
Overall efficiency: better than 88% at full load
●
EMI: Compliance with EN55022-class B specifications
●
Safety: Compliance with EN60950 specifications
●
PCB single layer: 132x265 mm, mixed PTH/SMT technologies
The circuit consists of three stages. A front-end PFC pre-regulator implemented by the
controller L6563 (Figure 2), a half-bridge resonant DC/DC converter based on the resonant
controller L6599 (Figure 3) and a 7 W flyback converter intended for stand-by management
(Figure 4) utilizing the VIPer12A-E off-line primary switcher.
The PFC stage delivers a stable 400 VDC supply and provides for the reduction of the mains
harmonics, in order to meet the requirements of the European norm EN61000-3-2 and the
JEIDA-MITI norm for Japan.
The PFC controller is the L6563 (U1), working in FOT (fixed off-time) mode and integrating
all functions needed to operate the PFC and interface the downstream resonant converter.
Note:
The FOT control is implemented through components C15, C17, D5, Q3, R14, R17 and R29
(see AN1792 for a complete description of a FOT PFC pre-regulator).
The power stage of the PFC is a conventional boost converter, connected to the output of
the rectifier bridge through a differential mode filtering cell (C5, C6 and L3) for EMI
reduction. It includes a coil (L4), diode (D3) and two capacitors (C7 and C8).
The boost switch is represented by the Power MOSFET (Q2) which is directly driven by the
L6563 output drive thanks to the high current capability of the IC.
The divider (R30, R31 and R32) provides the L6563 (MULT Pin 3) with the information of the
instantaneous voltage that is used to modulate the boost current and to derive some further
information like the average value of the AC line used by the VFF (voltage feed-forward)
function. This function is used to keep the output voltage almost independent of the mains
one.
The first divider (R3, R6, R8, R10 and R11) is dedicated to detecting the output voltage
while the second divider (R5, R7, R9, R16 and R25) is used to protect the circuit in case of
voltage loop fail.
The second stage is an LLC resonant converter, with half bridge topology, working in ZVS
(zero voltage switching) mode.
The controller is the L6599 integrated circuit that incorporates the necessary functions to
drive properly the two half-bridge MOSFETs by a 50 percent fixed duty cycle with dead-time,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com