Electronic Components Datasheet Search
  English  ▼

X  

AN2393 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2393
Description  Reference design: wide range 200W L6599-based
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2393 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2393 Datasheet HTML 21Page - STMicroelectronics AN2393 Datasheet HTML 22Page - STMicroelectronics AN2393 Datasheet HTML 23Page - STMicroelectronics AN2393 Datasheet HTML 24Page - STMicroelectronics AN2393 Datasheet HTML 25Page - STMicroelectronics AN2393 Datasheet HTML 26Page - STMicroelectronics AN2393 Datasheet HTML 27Page - STMicroelectronics AN2393 Datasheet HTML 28Page - STMicroelectronics AN2393 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
AN2393
Bill of materials
25/35
R46
5k6
0805 SMD Standard Film RES 1/8 W 5% 200 ppm/°C
BC Components
R47
10 k
Ω
1206 SMD Standard Film RES 1/8 W 5% 200 ppm/°C
BC Components
R51
2k2
0805 SMD Standard Film RES 1/8 W 5% 200 ppm/°C
BC Components
R52
5k6
0805 SMD Standard Film RES 1/8 W 5% 200 ppm/°C
BC Components
R53
33 k
Ω
1206 SMD Standard Film RES 1/4 W 1% 100 ppm/°C
BC Components
R54
5k6
1206 SMD Standard Film RES 1/8 W 5% 200 ppm/°C
BC Components
R56
1k0
0805 SMD Standard Film RES 1/8 W 5% 200 ppm/°C
BC Components
R57
15 k
Ω
1206 SMD Standard Film RES 1/4 W 1% 100 ppm/°C
BC Components
R58
0R
1206 SMD Standard Film RES 1/4 W
BC Components
R59
27 k
Ω
0805 SMD Standard Film RES 1/8 W 5% 200 ppm/°C
BC Components
R60
3k9
0805 SMD Standard Film RES 1/8 W 1% 100 ppm/°C
BC Components
R61
3k9
0805 SMD Standard Film RES 1/8 W 1% 100 ppm/°C
BC Components
R62
47
0805 SMD Standard Film RES 1/8 W 5% 200 ppm/°C
BC Components
R64
1k6
0805 SMD Standard Film RES 1/8 W 1% 100 ppm/°C
BC Components
R66
1k0
0805 SMD Standard Film RES 1/8 W 5% 200 ppm/°C
BC Components
R67
1k0
0805 SMD Standard Film RES 1/8 W 5% 200 ppm/°C
BC Components
R68
22 k
Ω
0805 SMD Standard Film RES 1/8 W 5% 200 ppm/°C
BC Components
R69
0R
0805 SMD Standard Film RES 1/8W 5% 200ppm/°C
BC Components
R70
22R
0805 SMD Standard Film RES 1/8 W 5% 200 ppm/°C
BC Components
R71
10 k
Ω
0805 SMD Standard Film RES 1/8 W 5% 200 ppm/°C
BC Components
R72
10 k
Ω
0805 SMD Standard Film RES 1/8 W 5% 200ppm/°C
BC Components
R73
8k2
0805 SMD Standard Film RES 1/8 W 5% 200 ppm/°C
BC Components
R74
10 k
Ω
0805 SMD Standard Film RES 1/8 W 5% 200 ppm/°C
BC Components
R75
0R
1206 SMD Standard Film RES 1/4 W
BC Components
R76
1k5
1206 SMD Standard Film RES 1/4 W 1% 100 ppm/°C
BC Components
R77
4k7
0805 SMD Standard Film RES 1/8 W 1% 100 ppm/°C
BC Components
R79
1k0
0805 SMD Standard Film RES 1/8 W 5% 200 ppm/°C
BC Components
R82
1k5
1206 SMD Standard Film RES 1/4 W 1% 100 ppm/°C
BC Components
R83
1M0
VR25 Type High Voltage Resistor
BC Components
R84
15 0k
Ω
Standard Metal Film RES 1/4 W 5% 200 ppm/°C
BC Components
T1
T-RES-ER49
86H-5411 Type Resonant Transformer ER49-27-17
Delta
T2
T-FLY-AUX-E20
86A-6079-R Type Flyback Transformer E20 Core
Delta
U1
L6563
Advanced Transition Mode PFC Controller
STMicroelectronics
U2
L6599
High Voltage Resonant Controller
STMicroelectronics
U3
SFH617A-2
63-125% CTR Selection Optocoupler
Infineon
Table 7.
Bill of materials (continued)
Item
Part type/value
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com