Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 275 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 275 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 271Page - National Semiconductor (TI) SC2200 Datasheet HTML 272Page - National Semiconductor (TI) SC2200 Datasheet HTML 273Page - National Semiconductor (TI) SC2200 Datasheet HTML 274Page - National Semiconductor (TI) SC2200 Datasheet HTML 275Page - National Semiconductor (TI) SC2200 Datasheet HTML 276Page - National Semiconductor (TI) SC2200 Datasheet HTML 277Page - National Semiconductor (TI) SC2200 Datasheet HTML 278Page - National Semiconductor (TI) SC2200 Datasheet HTML 279Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 433 page
background image
Revision 3.0
275
www.national.com
Core Logic Module (Continued)
6
Reserved. Must be set to 0.
5
IRQ5 Internal. Configures IRQ5 for internal (software) or external (hardware) use.
0: External.
1: Internal.
4
IRQ4 Internal. Configures IRQ4 for internal (software) or external (hardware) use.
0: External.
1: Internal.
3
IRQ3 Internal. Configures IRQ3 for internal (software) or external (hardware) use.
0: External.
1: Internal.
2:0
Reserved. Must be set to 0.
Offset 1Ch-1Fh
Internal IRQ Control Register (R/W)
Reset Value: 00000000h
Note:
Bits 31:16 of this register are Write Only. Reads to these bits always return a value of 0.
31
Mask Internal IRQ15. (Write Only)
0: Disable.
1: Enable.
30
Mask Internal IRQ14. (Write Only)
0: Disable.
1: Enable.
29
Reserved. (Write Only) Must be set to 0.
28
Mask Internal IRQ12. (Write Only)
0: Disable.
1: Enable.
27
Mask Internal IRQ11. (Write Only)
0: Disable.
1: Enable.
26
Mask Internal IRQ10. (Write Only)
0: Disable.
1: Enable.
25
Mask Internal IRQ9. (Write Only)
0: Disable.
1: Enable.
24
Reserved. (Write Only) Must be set to 0.
23
Mask Internal IRQ7. (Write Only)
0: Disable.
1: Enable.
22
Reserved. (Write Only) Must be set to 0.
21
Mask Internal IRQ5. (Write Only)
0: Disable.
1: Enable.
20
Mask Internal IRQ4. (Write Only)
0: Disable.
1: Enable.
19
Mask Internal IRQ3. (Write Only)
0: Disable.
1: Enable.
18:16
Reserved. (Write Only) Must be set to 0.
Table 5-38. F3BAR0+Memory Offset: XpressAUDIO Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com