Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 374 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 374 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 370Page - National Semiconductor (TI) SC2200 Datasheet HTML 371Page - National Semiconductor (TI) SC2200 Datasheet HTML 372Page - National Semiconductor (TI) SC2200 Datasheet HTML 373Page - National Semiconductor (TI) SC2200 Datasheet HTML 374Page - National Semiconductor (TI) SC2200 Datasheet HTML 375Page - National Semiconductor (TI) SC2200 Datasheet HTML 376Page - National Semiconductor (TI) SC2200 Datasheet HTML 377Page - National Semiconductor (TI) SC2200 Datasheet HTML 378Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 433 page
background image
www.national.com
374
Revision 3.0
Electrical Specifications (Continued)
8.3.3
CRT and TFT Interface
Table 8-13 and Figure 8-7 describe the timing of the digital CRT interface of the SC2200. All measurement points in this
table are identical to the voltage measurement levels described in Table 8-10 on page 369.
Note that signals DDC_SCL and DDC_SDA of the CRT interface are compliant with standard ACCESS.bus timing and are
controlled by software.
Figure 8-7. TFT Timing Diagram
Table 8-13. TFT Timing Parameters
Symbol
Parameter
Min
Max
Unit
Comments
tOV
TFTD[17:0], TFTDE valid time after TFTDCK rising
edge (multiplexed on IDE)
08
ns
tOV
TFTD[17:0], TFTDE valid time after TFTDCK rising
edge (multiplexed on Parallel Port)
04
ns
tCLK_RF
TFTDCK rise/fall time1 between 0.8V and 2.0V
1.
Guaranteed by characterization
3ns
tCLK_P
TFTDCK period time (multiplexed on IDE)
25
ns
tCLK_P
TFTDCK period time (muxed on Parallel Port)
12.5
ns
tCLK_D
TFTDCK duty cycle
40/60
%
tOV
tCLK_RF
tCLK_P
TFTDCK
TFTD[17:0]
TFTDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com