Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 377 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 377 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 373Page - National Semiconductor (TI) SC2200 Datasheet HTML 374Page - National Semiconductor (TI) SC2200 Datasheet HTML 375Page - National Semiconductor (TI) SC2200 Datasheet HTML 376Page - National Semiconductor (TI) SC2200 Datasheet HTML 377Page - National Semiconductor (TI) SC2200 Datasheet HTML 378Page - National Semiconductor (TI) SC2200 Datasheet HTML 379Page - National Semiconductor (TI) SC2200 Datasheet HTML 380Page - National Semiconductor (TI) SC2200 Datasheet HTML 381Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 433 page
background image
Revision 3.0
377
www.national.com
Electrical Specifications (Continued)
Figure 8-8. ACB Signals: Rising Time and Falling Timing Diagram
Figure 8-9. ACB Start and Stop Condition Timing Diagram
tSDAfo
AB1D/AB2D signal fall
time
300
ns
tSDAro
AB1D/AB2D signal rise
time
1
µs
tSDAho
AB1D/AB2D hold time
7 * tCLK -tSCLfo
After AB1C/AB2C falling edge
tSDAvo
AB1D/AB2D valid time
7 * tCLK +tRD
After AB1C/AB2C falling edge
1.
K is determined by bits [7:1] of the ACBCTL2 register (LDN 05h/06h, Offset 05h).
2.
This value depends on the signal capacitance and the pull-up value of the relevant pin.
Table 8-16. ACCESS.bus Output Timing Parameters (Continued)
Symbol
Parameter
Min
Max
Unit
Comments
AB1D
tSDAr
0.7VIO
0.3VIO
tSDAf
0.7VIO
0.3VIO
AB1C
tSCLr
0.7VIO
0.3VIO
tSCLf
0.7VIO
0.3VIO
AB2D
AB2C
AB1D
AB1C
tCSTOsi
tBUFi
tDLCs
tCSTRhi
Start Condition
Stop Condition
tDLCo
tCSTOso
tBUFo
tCSTRho
AB2D
AB2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com