Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 375 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 375 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 371Page - National Semiconductor (TI) SC2200 Datasheet HTML 372Page - National Semiconductor (TI) SC2200 Datasheet HTML 373Page - National Semiconductor (TI) SC2200 Datasheet HTML 374Page - National Semiconductor (TI) SC2200 Datasheet HTML 375Page - National Semiconductor (TI) SC2200 Datasheet HTML 376Page - National Semiconductor (TI) SC2200 Datasheet HTML 377Page - National Semiconductor (TI) SC2200 Datasheet HTML 378Page - National Semiconductor (TI) SC2200 Datasheet HTML 379Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 433 page
background image
Revision 3.0
375
www.national.com
Electrical Specifications (Continued)
Table 8-14. CRT DAC (RED, GREEN, and BLUE Outputs)
Symbol
Parameter
Min
Max
Unit
Comments
VFR
Full range output voltage
0.6
0.72
V
SETRES = 470
RL =37.5
Digital input = FFh
IFR
Full range output current
16
19.2
mA
SETRES = 470
RL =37.5
Digital input = FFh
INL
Integral linearity error1
±1LSB
DNL
Differential linearity error2
±1LSB
tST
Full-scale settling time3
10
ns
CL =40pF
tR
Rise time4
4ns
DDM
DAC to DAC matching
5
%
COUT
Max output capacitance
15
pF
PSRR
Power supply rejection ratio5
3.5
%
At 0to1 MHz
1.
The maximum difference between the ideal (straight) conversion line and the actual conversion curve.
2.
The maximum difference between the ideal step size (1 LSB) and any actual step size.
3.
The input changes from 00h to FFh. The time from output voltage at 50% of step change to output settling (within an
error of
±1 LSB) is the full-scale settling time.
4.
The input changes from 00h to FFh. The output changes from 10% to 90%.
5.
AVCCRT changes within the range of 3V to 3.6V. Output voltage is measured for peak-to-peak maximum change. PSSR
is the ratio of the measurement of output at AVCCRT =3.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com