Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 379 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 379 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 375Page - National Semiconductor (TI) SC2200 Datasheet HTML 376Page - National Semiconductor (TI) SC2200 Datasheet HTML 377Page - National Semiconductor (TI) SC2200 Datasheet HTML 378Page - National Semiconductor (TI) SC2200 Datasheet HTML 379Page - National Semiconductor (TI) SC2200 Datasheet HTML 380Page - National Semiconductor (TI) SC2200 Datasheet HTML 381Page - National Semiconductor (TI) SC2200 Datasheet HTML 382Page - National Semiconductor (TI) SC2200 Datasheet HTML 383Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 433 page
background image
Revision 3.0
379
www.national.com
Electrical Specifications (Continued)
8.3.5
PCI Bus Interface
The SC2200 is compliant with PCI Bus Rev. 2.1 specifications. Relevant information from the PCI Bus specifications is pro-
vided below.
All parameters in Table 8-17 are not 100% tested. The parameters in this table are further described in Figure 8-13.
Figure 8-12. Testing Setup for Slew Rate and Minimum Timing
Table 8-17. PCI AC Specifications
Symbol
Parameter
Min
Max
Unit
Comments
IOH(AC)
1, 2
1.
Refer to the V/I curves in Figure 8-13. This specification does not apply to PCICLK0, PCICLK1, and PCIRST# which
are system outputs.
2.
Maximum current requirements are met when drivers pull beyond the first step voltage. Equations which define these
maximum values (A and B) are provided with relevant diagrams in Figure 8-13. These maximum values are guaranteed
by design.
Switching Current
High
-12VIO
mA
0 < VOUT ≤ 0.3VIO
-17.1(VIO-VOUT)mA
0.3VIO <VOUT <0.9VIO
Equation A
(Figure 8-13)
0.7VIO <VOUT <VIO
Test Point2
-32VIO
mA
VOUT =0.7VIO
IOL(AC)
1
Switching Current
Low
16VIO
mA
VIO >VOUT ≥ 0.6VIO
26.7VOUT
mA
0.6VIO >VOUT >0.1VIO
1
Equation B
(Figure 8-13)
0.18VIO>VOUT>0
1
,
2
Test Point2
38VIO
mA
VOUT =0.18VIO
ICL
Low Clamp Current
-25+(VIN+1)/0.015
mA
-3 < VIN < -1
ICH
High Clamp Current
25+(VIN-VIO-1)/0.015
mA
VIO+4 > VIN >VIO+1
SLEWR
3
3.
Rise slew rate does not apply to open-drain outputs. This parameter is interpreted as the cumulative edge rate across
the specified range, according to the test circuit in Figure 8-12.
Output Rise Slew
Rate
1
4
V/ns
0.2VIO -0.6VIO Load
SLEWF
3
Output Fall Slew Rate
1
4
V/ns
0.6VIO -0.2VIO Load
Buffer
VCC
0.5" max.
Pin
1K
Ω
1K
Ω
10 pF
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com