Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 376 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 376 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 372Page - National Semiconductor (TI) SC2200 Datasheet HTML 373Page - National Semiconductor (TI) SC2200 Datasheet HTML 374Page - National Semiconductor (TI) SC2200 Datasheet HTML 375Page - National Semiconductor (TI) SC2200 Datasheet HTML 376Page - National Semiconductor (TI) SC2200 Datasheet HTML 377Page - National Semiconductor (TI) SC2200 Datasheet HTML 378Page - National Semiconductor (TI) SC2200 Datasheet HTML 379Page - National Semiconductor (TI) SC2200 Datasheet HTML 380Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 433 page
background image
www.national.com
376
Revision 3.0
Electrical Specifications (Continued)
8.3.4
ACCESS.bus Interface
The following tables describes the timing for all ACCESS.bus signals.
Notes: 1) All ACCESS.bus timing is not 100% tested.
2) In this table tCLK =1/24 MHz =41.7 ns.
Table 8-15. ACCESS.bus Input Timing Parameters
Symbol
Parameter
Min
Max
Unit
Comments
tBUFi
Bus free time between
Stop and Start condition
tSCLhigho
tCSTOsi
AB1C/AB2C setup time
8 * tCLK -tSCLri
Before Stop condition
tCSTRhi
AB1C/AB2C hold time
8 * tCLK -tSCLri
After Start condition
tCSTRsi
AB1C/AB2C setup time
8 * tCLK -tSCLri
Before Start condition
tDHCsi
Data high setup time
2 * tCLK
Before AB1C/AB2C rising edge
tDLCsi
Data low setup time
2 * tCLK
Before AB1C/AB2C rising edge
tSCLfi
AB1D/AB2D fall time
300
ns
tSCLri
AB1D/AB2D rise time
1
µs
tSCLlowi
AB1C/AB2C low time
16 * tCLK
After AB1C/AB2C falling edge
tSCLhighi
AB1C/AB2C high time
16 * tCLK
After AB1C/AB2C rising edge
tSDAfi
AB1D/AB2D fall time
300
ns
tSDAri
AB1D/AB2D rise time
1
µs
tSDAhi
AB1D/AB2D hold time
0
After AB1C/AB2C falling edge
tSDAsi
AB1D/AB2D setup time
2 * tCLK
Before AB1C/AB2C rising edge
Table 8-16. ACCESS.bus Output Timing Parameters
Symbol
Parameter
Min
Max
Unit
Comments
tSCLhigho
AB1C/AB2C high time
K * tCLK -1 µs
After AB1C/AB2C rising edge1
tSCLlowo
AB1C/AB2C low time
K * tCLK -1 µs
After AB1C/AB2C falling edge
tBUFo
Bus free time between
Stop and Start condition
tSCLhigho
2
1
µs
tCSTOso
AB1C/AB2C setup time
tSCLhigho
2
1
µs
Before Stop condition
tCSTRho
AB1C/AB2C hold time
tSCLhigho
2
1
µs
After Start condition
tCSTRso
AB1C/AB2C setup time
tSCLhigho
2
1
µs
Before Start condition
tDHCso
Data high setup time
tSCLhigho
2
-tSDAro
1
µs
Before AB1C/AB2C rising edge
tDLCso
Data low setup time
tSCLhigho
2
-tSDAfo
1
µs
Before AB1C/AB2C rising edge
tSCLfo
AB1D/AB2D signal fall
time
300
ns
tSCLro
AB1D/AB2D signal rise
time
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com