Electronic Components Datasheet Search
  English  ▼

X  

SC2200 Datasheet(PDF) 380 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200
Description  Thin Client On a Chip
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200 Datasheet(HTML) 380 Page - National Semiconductor (TI)

Back Button SC2200 Datasheet HTML 376Page - National Semiconductor (TI) SC2200 Datasheet HTML 377Page - National Semiconductor (TI) SC2200 Datasheet HTML 378Page - National Semiconductor (TI) SC2200 Datasheet HTML 379Page - National Semiconductor (TI) SC2200 Datasheet HTML 380Page - National Semiconductor (TI) SC2200 Datasheet HTML 381Page - National Semiconductor (TI) SC2200 Datasheet HTML 382Page - National Semiconductor (TI) SC2200 Datasheet HTML 383Page - National Semiconductor (TI) SC2200 Datasheet HTML 384Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 433 page
background image
www.national.com
380
Revision 3.0
Electrical Specifications (Continued)
Figure 8-13. V/I Curves for PCI Output Signals
Pull-Up
Pull-Down
Test Point
VIO
0.9
VIO
DC
Drive Point
AC
Drive Point
0.3
VIO
0.6
VIO
0.1
AC
Drive Point
DC
Drive Point
Test Point
VIO
Equation A
for VIO>VOUT>0.7VIO
IOL = (256/VIO)*VOUT*(VIO-VOUT)
for 0V<VOUT<0.18VIO
Volts
Volts
IOL mA
IOH mA
64VIO
16VIO
1.5
-12VIO
-48VIO
-0.5
IOH = (98.0/VIO)*(VOUT-VIO)*(VOUT+0.4VIO)
Equation B
Output Voltage
Output Voltage
0.5VIO
Table 8-18. PCI Clock Parameters
Symbol
Parameter
Min
Max
Unit
Comments
tCYC
PCICLK Cycle time1
30
ns
tHIGH
PCICLK High time2
11
ns
tLOW
PCICLK Low time2
11
ns
PCICLKsr
PCICLK Slew Rate3
14
V/ns
PCIRSTsr
PCIRST# Slew Rate4
50
-
mV/ns
1.
Clock frequency is between nominal DC and 33 MHz. Device operational parameters at frequencies under 16 MHz are
not 100% tested. The clock can only be stopped in a low state.
2.
Guaranteed by characterization.
3.
Slew rate must be met across the minimum peak-to-peak portion of the clock waveform (see Figure 8-14).
4.
The minimum PCIRST# slew rate applies only to the rising (deassertion) edge of the reset signal. See Figure 8-18
for PCIRST# timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com