Electronic Components Datasheet Search
  English  ▼

X  

PC87363 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87363
Description  128-Pin LPC SuperI/O with MIDI and Game Ports, Extended Wake-Up and Protection
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87363 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button PC87363 Datasheet HTML 22Page - National Semiconductor (TI) PC87363 Datasheet HTML 23Page - National Semiconductor (TI) PC87363 Datasheet HTML 24Page - National Semiconductor (TI) PC87363 Datasheet HTML 25Page - National Semiconductor (TI) PC87363 Datasheet HTML 26Page - National Semiconductor (TI) PC87363 Datasheet HTML 27Page - National Semiconductor (TI) PC87363 Datasheet HTML 28Page - National Semiconductor (TI) PC87363 Datasheet HTML 29Page - National Semiconductor (TI) PC87363 Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 200 page
background image
1.0 Signal/Pin Connection and Description (Continued)
26
www.national.com
1.4.12
Power and Ground
1.4.13
Protection
1.4.14
Serial Port 1 and Serial Port 2
Signal
Pin/s
I/O
Buffer Type Power Well
Description
VBAT
30
I
INULR
-
Battery Power Supply. Provides battery back-up to the System
Wake-Up Control registers, when VSB is lost (power-fail). The
pin is connected to the internal logic through a series resistor
for UL protection.
VDD
20, 52,
83, 115
I
PWR
-
Main 3.3V Power Supply
VSB
31
I
PWR
-
Standby 3.3V Power Supply. Provides power to the Wake-Up
Control circuitry, while the main power supply is turned off.
VSS
19, 51,
84, 116
I
GND
-
Ground
Signal
Pin(s)
I/O
Buffer Type Power Well
Description
CHASI
29
I
INC
VPP
Chassis Intrusion Input. Any change of this pin sets the
intrusion detection. For correct operation, this pin must be tied to
VSS when it is not used.
CHASO
28
O
OD6
VSB
Chassis Intrusion Output. When low, indicates that an intrusion
indication is set.
Signal
Pin/s
I/O Buffer Type Power Well
Description
CTS1
CTS2
100
108
I
INTS
VDD
Clear to Send. When low, indicate that the modem or other data
transfer device is ready to exchange data.
DCD1
DCD2
95
103
I
INTS
VDD
Data Carrier Detected. When low, indicate that the modem or
other data transfer device has detected the data carrier.
DSR1
DSR2
96
104
I
INTS
VDD
Data Set Ready. When low, indicate that the data transfer device,
e.g., modem, is ready to establish a communications link.
DTR1_
BOUT1
DTR2_
BOUT2
101
109
O
O3/6
VDD
Data Terminal Ready. When low, indicate to the modem or other
data transfer device that the UART is ready to establish a
communications link. After a system reset, these pins provide the
DTR function and set these signals to inactive high. Loopback
operation holds them inactive.
Baud Output. Provides the associated serial channel baud rate
generator output signal if test mode is selected, i.e., bit 7 of the
EXCR1 Register is set.
DTR1_BOUT1 is used also as BADDR.
RI1
RI2
102
110
I
INTS
VDD,VSB
Ring Indicator. When low, indicate that a telephone ring signal
has been received by the modem. They are monitored during
power-off for wake-up event detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com