Electronic Components Datasheet Search
  English  ▼

X  

PC87363 Datasheet(PDF) 99 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87363
Description  128-Pin LPC SuperI/O with MIDI and Game Ports, Extended Wake-Up and Protection
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87363 Datasheet(HTML) 99 Page - National Semiconductor (TI)

Back Button PC87363 Datasheet HTML 95Page - National Semiconductor (TI) PC87363 Datasheet HTML 96Page - National Semiconductor (TI) PC87363 Datasheet HTML 97Page - National Semiconductor (TI) PC87363 Datasheet HTML 98Page - National Semiconductor (TI) PC87363 Datasheet HTML 99Page - National Semiconductor (TI) PC87363 Datasheet HTML 100Page - National Semiconductor (TI) PC87363 Datasheet HTML 101Page - National Semiconductor (TI) PC87363 Datasheet HTML 102Page - National Semiconductor (TI) PC87363 Datasheet HTML 103Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 200 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
99
www.national.com
3.4.18
PS/2 Protocol Control Register (PS2CTL)
This register is set to 00h on power-up of VPP or software reset. It configures the PS/2 keyboard and mouse wake-up fea-
tures. Before changing bits 6-4 or 3-0, clear them to 0 and then write the new value.
Location:
Bank 0, Offset 13h
Type:
R/W
3.4.19
Keyboard Data Shift Register (KDSR)
This register is set to 00h on power-up of VPP or software reset. It stores the keyboard data shifted in from the keyboard
during transmission, only when keyboard wake-up detection is enabled.
Location:
Bank 0, Offset 16h
Type:
RO
Bit
76543210
Name
Disable
Parity
Check
Mouse Wake-Up Configuration
Keyboard Wake-Up Configuration
Reset
00000000
Bit
Description
7
Disable Parity Check
0: Enabled (default)
1: Disabled
6-4
Mouse Wake-Up Configuration
Bits
6 5 4
Configuration
0 0 0
Disable mouse wake-up detection
0 0 1
Wake-up on any mouse movement or button click
0 1 0
Wake-up on left button click
0 1 1
Wake-up on left button double-click
1 0 0
Wake-up on right button click
1 0 1
Wake-up on right button double-click
1 1 0
Wake-up on any button single-click (left, right or middle)
1 1 1
Wake-up on any button double-click (left, right or middle)
3-0
Keyboard Wake-Up Configuration
Bits
3 2 1 0
Configuration
0 0 0 0
Disable keyboard wake-up detection
0 0 0 1
to
Special key sequence 2-8 PS/2 scan codes, “Make” and “Break” (including Shift and Alt keys)
0 1 1 1
1 0 0 0
to
Password enabled with 1-8 keys “Make” code (excluding Shift and Alt keys)
1 1 1 1
Bit
76543210
Name
Keyboard Data
Reset
00000000
}
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com