Electronic Components Datasheet Search
  English  ▼

X  

PC87363 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87363
Description  128-Pin LPC SuperI/O with MIDI and Game Ports, Extended Wake-Up and Protection
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87363 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button PC87363 Datasheet HTML 6Page - National Semiconductor (TI) PC87363 Datasheet HTML 7Page - National Semiconductor (TI) PC87363 Datasheet HTML 8Page - National Semiconductor (TI) PC87363 Datasheet HTML 9Page - National Semiconductor (TI) PC87363 Datasheet HTML 10Page - National Semiconductor (TI) PC87363 Datasheet HTML 11Page - National Semiconductor (TI) PC87363 Datasheet HTML 12Page - National Semiconductor (TI) PC87363 Datasheet HTML 13Page - National Semiconductor (TI) PC87363 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 200 page
background image
Table of Contents (Continued)
10
www.national.com
9.0
Game Port (GMP)
9.1
OVERVIEW ............................................................................................................................. 149
9.2
FUNCTIONAL DESCRIPTION ................................................................................................ 149
9.2.1
Game Device Axis Position Indication ....................................................................... 149
9.2.2
Capturing the Position ............................................................................................... 150
9.2.3
Button Status Indication ............................................................................................. 151
9.2.4
Operation Modes ....................................................................................................... 151
9.2.5
Operation Control ...................................................................................................... 152
9.3
GAME PORT REGISTERS ..................................................................................................... 153
9.3.1
Game Port Register Map ........................................................................................... 153
9.3.2
Game Port Control Register (GMPCTL) .................................................................... 154
9.3.3
Game Port Legacy Status Register (GMPLST) ......................................................... 155
9.3.4
Game Port Extended Status Register (GMPXST) ..................................................... 156
9.3.5
Game Port Interrupt Enable Register (GMPIEN) ....................................................... 157
9.3.6
Game Device A X-Axis Position Low Byte (GMPAXL) .............................................. 158
9.3.7
Game Device A X-Axis Position High Byte (GMPAXH) ............................................. 158
9.3.8
Game Device A YAxis Position Low Byte (GMPAYL) ............................................... 158
9.3.9
Game Device A Y-Axis Position High Byte (GMPAYH) ............................................. 158
9.3.10
Game Device B X-Axis Position Low Byte (GMPBXL) .............................................. 159
9.3.11
Game Device B X-Axis Position High Byte (GMPBXH) ............................................. 159
9.3.12
Game Device B Y-Axis Position Low Byte (GMPBYL) .............................................. 159
9.3.13
Game Device B Y-Axis Position High Byte (GMPBYH) ............................................. 159
9.3.14
Game Port Event Polarity Register (GMPEPOL) ...................................................... 160
9.4
GAME PORT BITMAP ............................................................................................................. 161
10.0
Musical Instrument Digital Interface (MIDI) Port
10.1
OVERVIEW ............................................................................................................................. 162
10.2
FUNCTIONAL DESCRIPTION ................................................................................................ 162
10.2.1
Internal Bus Interface Unit ......................................................................................... 163
10.2.2
Port Control and Status Registers ............................................................................. 163
10.2.3
Data Buffers and FIFOs ............................................................................................. 163
10.2.4
MIDI Communication Engine ..................................................................................... 163
10.2.5
MIDI Signals Routing Control Logic ........................................................................... 164
10.2.6
Operation Modes ....................................................................................................... 164
10.2.7
MIDI Port Status Flags .............................................................................................. 165
10.2.8
MIDI Port Interrupts ................................................................................................... 166
10.2.9
Enhanced MIDI Port Features ................................................................................... 167
10.3
MIDI PORT REGISTERS ........................................................................................................ 168
10.3.1
MIDI Port Register Map ............................................................................................. 168
10.3.2
MIDI Data In Register (MDI) ...................................................................................... 168
10.3.3
MIDI Data Out Register (MDO) ................................................................................. 168
10.3.4
MIDI Status Register (MSTAT) .................................................................................. 169
10.3.5
MIDI Command Register (MCOM) ............................................................................ 169
10.3.6
MIDI Control Register (MCNTL) ................................................................................ 170
10.4
MIDI PORT BITMAP ................................................................................................................ 171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com