Electronic Components Datasheet Search
  English  ▼

X  

PC87363 Datasheet(PDF) 57 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87363
Description  128-Pin LPC SuperI/O with MIDI and Game Ports, Extended Wake-Up and Protection
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87363 Datasheet(HTML) 57 Page - National Semiconductor (TI)

Back Button PC87363 Datasheet HTML 53Page - National Semiconductor (TI) PC87363 Datasheet HTML 54Page - National Semiconductor (TI) PC87363 Datasheet HTML 55Page - National Semiconductor (TI) PC87363 Datasheet HTML 56Page - National Semiconductor (TI) PC87363 Datasheet HTML 57Page - National Semiconductor (TI) PC87363 Datasheet HTML 58Page - National Semiconductor (TI) PC87363 Datasheet HTML 59Page - National Semiconductor (TI) PC87363 Datasheet HTML 60Page - National Semiconductor (TI) PC87363 Datasheet HTML 61Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 200 page
background image
2.0 Device Architecture and Configuration (Continued)
57
www.national.com
2.10.2
Logical Device 1 (PP) Configuration
Table 21 lists the configuration registers which affect the Parallel Port. Only the last register (F0h) is described here. See
Sections 2.2.3 and 2.2.4 for descriptions of the others.
Table 21. Parallel Port Configuration Registers
2.10.3
Parallel Port Configuration Register
This register is reset by hardware to F2h.
Location:
Index F0h
Type:
R/W
Index
Configuration Register or Action
Type
Reset
30h Activate. See also bit 0 of the SIOCF1 register.
R/W
00h
60h Base Address MSB register. Bits 7-3 (for A15-11) are read only, 00000b. Bit 2 (for
A10) should be 0b.
R/W
02h
61h Base Address LSB register. Bits 1 and 0 (A1 and A0) are read only, 00b. For ECP
Mode 4 (EPP) or when using the Extended registers, bit 2 (A2) should also be 0b.
R/W
78h
70h Interrupt Number and Wake-Up on IRQ Enable register
R/W
07h
71h Interrupt Type
Bits 7-2 are read only.
Bit 1 is a read/write bit.
Bit 0 is read only. It reflects the interrupt type dictated by the Parallel Port operation
mode. This bit is set to 1 (level interrupt) in Extended Mode and cleared (edge
interrupt) in all other modes.
R/W
02h
74h DMA Channel Select
R/W
04h
75h Report no second DMA assignment
RO
04h
F0h Parallel Port Configuration register
R/W
F2h
Bit
76543210
Name
Reserved
Extended
Register
Access
Reserved
Power
Mode
Control
TRI-STATE
Control
Reset
11110010
Required
1
1
1
Bit
Description
7-5
Reserved. Must be 11.
4
Extended Register Access
0: Registers at base (address) + 403h, base + 404h and base + 405h are not accessible (reads and writes are ignored).
1: Registers at base (address) + 403h, base + 404h and base + 405h are accessible. This option supports run-
time configuration within the Parallel Port address space.
3-2
Reserved
1
Power Mode Control. When the logical device is active:
0: Parallel port clock disabled. ECP modes and EPP time-out are not functional when the logical device is active.
Registers are maintained.
1: Parallel port clock enabled. All operation modes are functional when the logical device is active (default).
0
TRI-STATE Control. When enabled and the device is inactive, the logical device output pins are in TRI-STATE.
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com