Electronic Components Datasheet Search
  English  ▼

X  

PC87363 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87363
Description  128-Pin LPC SuperI/O with MIDI and Game Ports, Extended Wake-Up and Protection
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87363 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button PC87363 Datasheet HTML 60Page - National Semiconductor (TI) PC87363 Datasheet HTML 61Page - National Semiconductor (TI) PC87363 Datasheet HTML 62Page - National Semiconductor (TI) PC87363 Datasheet HTML 63Page - National Semiconductor (TI) PC87363 Datasheet HTML 64Page - National Semiconductor (TI) PC87363 Datasheet HTML 65Page - National Semiconductor (TI) PC87363 Datasheet HTML 66Page - National Semiconductor (TI) PC87363 Datasheet HTML 67Page - National Semiconductor (TI) PC87363 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 200 page
background image
2.0 Device Architecture and Configuration (Continued)
64
www.national.com
2.15 GENERAL-PURPOSE INPUT/OUTPUT (GPIO) PORTS CONFIGURATION
2.15.1
General Description
The GPIO functional block includes 37 pins, arranged in four 8-bit ports (ports 0, 1, 2 and 4) and one 5-bit port (port 3). All
pins in ports 0 and 4 are I/O, and have full event detection capability, enabling them to trigger the assertion of IRQ, SMI and
PWUREQ signals. With the exception of bit 5 which is output only, port 1 pins are also I/O with full event detection capability.
All pins in ports 2 and 3 are I/O, but none of them has event detection capability. The sixteen runtime registers associated
with the five ports are arranged in the GPIO address space as shown in Table 27. The GPIO base address is 16-byte aligned.
Address bits 3-0 are used to indicate the register offset.
Table 27. Runtime Registers in GPIO Address Space
2.15.2
Implementation
The standard GPIO port with event detection capability (such as ports 0, 1 and 4) has four runtime registers. Each pin is
associated with a GPIO Pin Configuration register that includes seven configuration bits. Ports 2 and 3 are non-standard
ports that do not support event detection, and therefore differ from the generic model as follows:
q
They each have two runtime registers for basic functionality: GPDO2/3 and GPDI2/3. Event detection registers
GPEVEN2/3 and GPEVST2/3 are not available.
q
Only bits 3-0 are implemented in the GPIO Pin Configuration registers of ports 2 and 3. Bits 6-4, associated with the
event detection functionality, are reserved.
Offset
Mnemonic
Register Name
Port
Type
00h
GPDO0
GPIO Data Out 0
0
R/W
01h
GPDI0
GPIO Data In 0
RO
02h
GPEVEN0 GPIO Event Enable 0
R/W
03h
GPEVST0 GPIO Event Status 0
R/W1C
04h
GPDO1
GPIO Data Out 1
1
R/W
05h
GPDI1
GPIO Data In 1
RO
06h
GPEVEN1 GPIO Event Enable 1
R/W
07h
GPEVST1 GPIO Event Status 1
R/W1C
08h
GPDO2
Data Out 2
2
R/W
09h
GPDI2
Data In 2
RO
0Ah
GPDO3
Data Out 3
3
R/W
0Bh
GPDI3
Data In 3
RO
0Ch
GPDO4
GPIO Data Out 4
4
R/W
0Dh
GPDI4
GPIO Data In 4
RO
0Eh
GPEVEN4 GPIO Event Enable 4
R/W
0Fh
GPEVST4 GPIO Event Status 4
R/W1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com