Electronic Components Datasheet Search
  English  ▼

X  

PC87363 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87363
Description  128-Pin LPC SuperI/O with MIDI and Game Ports, Extended Wake-Up and Protection
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87363 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button PC87363 Datasheet HTML 4Page - National Semiconductor (TI) PC87363 Datasheet HTML 5Page - National Semiconductor (TI) PC87363 Datasheet HTML 6Page - National Semiconductor (TI) PC87363 Datasheet HTML 7Page - National Semiconductor (TI) PC87363 Datasheet HTML 8Page - National Semiconductor (TI) PC87363 Datasheet HTML 9Page - National Semiconductor (TI) PC87363 Datasheet HTML 10Page - National Semiconductor (TI) PC87363 Datasheet HTML 11Page - National Semiconductor (TI) PC87363 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 200 page
background image
Table of Contents (Continued)
8
www.national.com
3.4.18
PS/2 Protocol Control Register (PS2CTL) ................................................................... 99
3.4.19
Keyboard Data Shift Register (KDSR) ......................................................................... 99
3.4.20
Mouse Data Shift Register (MDSR) ........................................................................... 100
3.4.21
PS/2 Keyboard Key Data Registers (PS2KEY0 - PS2KEY7) .................................... 100
3.4.22
CEIR Wake-Up Control Register (IRWCR) ............................................................... 101
3.4.23
CEIR Wake-Up Address Register (IRWAD) .............................................................. 102
3.4.24
CEIR Wake-Up Address Mask Register (IRWAM) .................................................... 102
3.4.25
CEIR Address Shift Register (ADSR) ........................................................................ 103
3.4.26
CEIR Wake-Up Range 0 Registers ........................................................................... 103
3.4.27
CEIR Wake-Up Range 1 Registers ........................................................................... 104
3.4.28
CEIR Wake-Up Range 2 Registers ........................................................................... 104
3.4.29
CEIR Wake-Up Range 3 Registers ........................................................................... 105
3.4.30
Standby General-Purpose I/O (SBGPIO) Register Overview .................................... 106
3.4.31
Standby GPIO Pin Select Register (SBGPSEL) ........................................................ 109
3.4.32
Standby GPIO Pin Configuration Register (SBGPCFG) ........................................... 110
3.4.33
Standby GPIOE/GPIE Data Out Register 0 (SB_GPDO0) ........................................ 112
3.4.34
Standby GPIOE/GPIE Data In Register 0 (SB_GPDI0) ............................................ 112
3.4.35
Standby GPOS Data Out Register 1 (SB_GPDO1) .................................................. 113
3.4.36
Standby GPIS Data In Register 1 (SB_GPDI1) ......................................................... 113
3.5
SWC REGISTER BITMAP ....................................................................................................... 114
4.0
Fan Speed Control
4.1
OVERVIEW ............................................................................................................................. 118
4.2
FUNCTIONAL DESCRIPTION ................................................................................................ 118
4.3
FAN SPEED CONTROL REGISTERS .................................................................................... 119
4.3.1
Fan Speed Control Register Map .............................................................................. 119
4.3.2
Fan Speed Control Pre-Scale Register (FCPSR) ...................................................... 119
4.3.3
Fan Speed Control Duty Cycle Register (FCDCR) .................................................... 120
4.4
FAN SPEED CONTROL BITMAP ........................................................................................... 120
5.0
Fan Speed Monitor
5.1
OVERVIEW ............................................................................................................................. 121
5.2
FUNCTIONAL DESCRIPTION ................................................................................................ 121
5.3
FAN SPEED MONITOR REGISTERS ..................................................................................... 122
5.3.1
Fan Speed Monitor Register Map .............................................................................. 122
5.3.2
Fan Monitor Threshold Register (FMTHR) ................................................................ 123
5.3.3
Fan Monitor Speed Register (FMSPR) ...................................................................... 123
5.3.4
Fan Monitor Control and Status Register (FMCSR) .................................................. 123
5.4
FAN SPEED MONITOR BITMAP ............................................................................................ 124
6.0
General-Purpose Input/Output (GPIO) Port
6.1
OVERVIEW ............................................................................................................................. 125
6.2
BASIC FUNCTIONALITY ........................................................................................................ 126
6.2.1
Configuration Options ................................................................................................ 126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com