Electronic Components Datasheet Search
  English  ▼

X  

PC87363 Datasheet(PDF) 100 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87363
Description  128-Pin LPC SuperI/O with MIDI and Game Ports, Extended Wake-Up and Protection
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87363 Datasheet(HTML) 100 Page - National Semiconductor (TI)

Back Button PC87363 Datasheet HTML 96Page - National Semiconductor (TI) PC87363 Datasheet HTML 97Page - National Semiconductor (TI) PC87363 Datasheet HTML 98Page - National Semiconductor (TI) PC87363 Datasheet HTML 99Page - National Semiconductor (TI) PC87363 Datasheet HTML 100Page - National Semiconductor (TI) PC87363 Datasheet HTML 101Page - National Semiconductor (TI) PC87363 Datasheet HTML 102Page - National Semiconductor (TI) PC87363 Datasheet HTML 103Page - National Semiconductor (TI) PC87363 Datasheet HTML 104Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 200 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
100
www.national.com
3.4.20
Mouse Data Shift Register (MDSR)
This register is set to 00h on power-up of VSB or software reset. It stores the mouse data shifted in from the mouse during
transmission, only when mouse wake-up detection is enabled.
Location:
Bank 0, Offset 17h
Type:
RO
3.4.21
PS/2 Keyboard Key Data Registers (PS2KEY0 - PS2KEY7)
Eight registers (PS2KEY0-PS2KEY7) store the scan codes for the password or key sequence of the keyboard wake-up fea-
ture, as follows:
q
PS2KEY0 register stores the scan code for the first key in the password/key sequence.
q
PS2KEY1 register stores the scan code for the second key in the password/key sequence.
q
PS2KEY2 - PS2KEY7 registers store the scan codes for the third to eighth keys in the password/key sequence.
When one of these registers is set to 00h, it indicates that the value of the corresponding scan code byte is ignored (not
compared). These registers are set to 00h on power-up of VPP or software reset.
Location:
Bank 0, Offset 18h-1Fh
Type:
R/W
Bit
76543210
Name
Reserved
Mouse Data
Reset
00000000
Bit
76543210
Name
Scan Code of Keys 0-7
Reset
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com