Electronic Components Datasheet Search
  English  ▼

X  

PC87363 Datasheet(PDF) 110 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87363
Description  128-Pin LPC SuperI/O with MIDI and Game Ports, Extended Wake-Up and Protection
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87363 Datasheet(HTML) 110 Page - National Semiconductor (TI)

Back Button PC87363 Datasheet HTML 106Page - National Semiconductor (TI) PC87363 Datasheet HTML 107Page - National Semiconductor (TI) PC87363 Datasheet HTML 108Page - National Semiconductor (TI) PC87363 Datasheet HTML 109Page - National Semiconductor (TI) PC87363 Datasheet HTML 110Page - National Semiconductor (TI) PC87363 Datasheet HTML 111Page - National Semiconductor (TI) PC87363 Datasheet HTML 112Page - National Semiconductor (TI) PC87363 Datasheet HTML 113Page - National Semiconductor (TI) PC87363 Datasheet HTML 114Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 200 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
110
www.national.com
3.4.32
Standby GPIO Pin Configuration Register (SBGPCFG)
This is a group of twelve configuration registers. Eight are identical for GPIOE and GPIE, two are identical for GPOS, and .
two are identical for GPIS. Each GPIOE/GPIE register is associated with one GPIOE/GPIE pin, and each GPOS and GPIS
register is associated with one GPOS or GPIS pin. The entire set is mapped to the same address. The mapping scheme is
based on the Standby GPIO Pin Select (SBGPSEL) register that functions as an index register, and the specific Standby
GPIO Pin Configuration register that reflects the configuration of the currently selected pin.
Bits 0-3 are applicable only for pins GPIOE0-5 and GPOS0,1. Bits 4-6 are applicable for all GPIOE/GPIE pins.
Location:
Bank 3, Offset 14h
Type:
R/W (bit 3 is set only)
For GPIOE and GPIE:
For GPOS:
For GPIS:
Bit
76543210
Name
Reserved
Event
Debounce
Enable
Event
Polarity
Event Type
Lock
Pull-Up
Control
Output
Type
Output
Enable
Reset
01000100
Bit
76543210
Name
Reserved
Lock
Pull-Up
Control
Output
Type
Output
Enable
Reset
00000101
Bit
76543210
Name
Reserved
Reset
00000000
Bit
Description
7
Reserved (for GPOS and GPIS, bits 7-4 and 7-0 are reserved, respectively)
6
Event Debounce Enable
0: Disabled
1: Enabled (default)
5
Event Polarity. This bit defines the polarity of the signal that causes a detection of an event from the
corresponding GPIO pin.
0: Falling edge or low level input (default)
1: Rising edge or high level input
4
Event Type. This bit defines the signal type that causes a detection of an event from the corresponding GPIO
pin.
0: Edge input (default)
1: Level input
3
Lock. This bit locks bits 2-0 of this register. These bits are associated with the GPIO pin currently selected by
the SBGPSEL register. Once this bit is set to 1 by software, it can only be cleared to 0 by VSB power-up reset.
0: No effect (default at VSB power-up reset)
1: Direction, output type, pull-up and output value locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com