Electronic Components Datasheet Search
  English  ▼

X  

PC87363 Datasheet(PDF) 131 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87363
Description  128-Pin LPC SuperI/O with MIDI and Game Ports, Extended Wake-Up and Protection
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87363 Datasheet(HTML) 131 Page - National Semiconductor (TI)

Back Button PC87363 Datasheet HTML 127Page - National Semiconductor (TI) PC87363 Datasheet HTML 128Page - National Semiconductor (TI) PC87363 Datasheet HTML 129Page - National Semiconductor (TI) PC87363 Datasheet HTML 130Page - National Semiconductor (TI) PC87363 Datasheet HTML 131Page - National Semiconductor (TI) PC87363 Datasheet HTML 132Page - National Semiconductor (TI) PC87363 Datasheet HTML 133Page - National Semiconductor (TI) PC87363 Datasheet HTML 134Page - National Semiconductor (TI) PC87363 Datasheet HTML 135Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 200 page
background image
6.0 General-Purpose Input/Output (GPIO) Port (Continued)
131
www.national.com
6.4.4
GPIO Data Out Register (GPDO)
Location:
Device specific
Type:
R/W
6.4.5
GPIO Data In Register (GPDI)
Location:
Device specific
Type:
RO
Bit
76543210
Name
Data Out
Reset
11111111
Bit
Description
7
Data Out. Bits 7-0 correspond to pins 7-0 respectively. The value of each bit determines the value driven on the
corresponding GPIO pin when its output buffer is enabled. Writing to the bit latches the written data unless the
bit is locked by the GPCFG register Lock bit. Reading the bit returns its value, regardless of the pin value and
configuration.
0: Corresponding pin driven to low when output enabled
1: Corresponding pin driven or released to high (according to buffer type and static pull-up selection) when
output enabled
6
5
4
3
2
1
0
Bit
76543210
Name
Data In
Reset
XXXXXXXX
Bit
Description
7
Data In. Bits 7-0 correspond to pins 7-0 respectively. Reading each bit returns the value of the corresponding
GPIO pin, regardless of the pin configuration and the GPDO register value. Write is ignored.
0: Corresponding pin level low
1: Corresponding pin level high
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com