Electronic Components Datasheet Search
  English  ▼

X  

PC87363 Datasheet(PDF) 148 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87363
Description  128-Pin LPC SuperI/O with MIDI and Game Ports, Extended Wake-Up and Protection
PDF  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87363 Datasheet(HTML) 148 Page - National Semiconductor (TI)

Back Button PC87363 Datasheet HTML 144Page - National Semiconductor (TI) PC87363 Datasheet HTML 145Page - National Semiconductor (TI) PC87363 Datasheet HTML 146Page - National Semiconductor (TI) PC87363 Datasheet HTML 147Page - National Semiconductor (TI) PC87363 Datasheet HTML 148Page - National Semiconductor (TI) PC87363 Datasheet HTML 149Page - National Semiconductor (TI) PC87363 Datasheet HTML 150Page - National Semiconductor (TI) PC87363 Datasheet HTML 151Page - National Semiconductor (TI) PC87363 Datasheet HTML 152Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 200 page
background image
8.0 ACCESS.bus Interface (ACB) (Continued)
148
www.national.com
8.4
ACB REGISTER BITMAP
Register
Bits
Offset
Mnemonic
76543210
00h
ACBSDA
ACB Serial Data
01h
ACBST
SLVSTP
SDAST
BER
NEGACK
STASTR
NMATCH
MASTER
XMIT
02h
ACBCST
Reserved
TGSCL
TSDA
GCMTCH
MATCH
BB
BUSY
03h
ACBCTL1
STASTRE
NMINTE
GCMEN
ACK
Reserved
INTEN
STOP
START
04h
ACBADDR
SAEN
ADDR
05h
ACBCTL2
SCLFRQ
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com